Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDR1020E Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDR1020E
Description  SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR1020E Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDR1020E Datasheet HTML 1Page - First Silicon Co., Ltd FDR1020E Datasheet HTML 2Page - First Silicon Co., Ltd FDR1020E Datasheet HTML 3Page - First Silicon Co., Ltd FDR1020E Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2016. 4. 23
2/4
Revision No : 0
FDR1020E
Typical Characteristics
0
25
50
75
100
125
0
50
100
150
200
0
5
10
15
20
0
40
80
120
160
04
8
12
16
20
1
10
100
1000
10000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.1
1
10
100
1000
AMBIENT TEMPERATURE T
a
( )
℃
Power Derating Curve
T
a=25
℃
f=1MHz
Capacitance Characteristics
REVERSE VOLTAGE V
R
(V)
Pulsed
Reverse Characteristics
T
a=100
oC
T
a=25
oC
REVERSE VOLTAGE V
R
(V)
Forward Characteristics
FORWARD VOLTAGE V
F
(V)
Pulsed



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com