Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDR1020E Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDR1020E
Description  SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR1020E Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDR1020E Datasheet HTML 1Page - First Silicon Co., Ltd FDR1020E Datasheet HTML 2Page - First Silicon Co., Ltd FDR1020E Datasheet HTML 3Page - First Silicon Co., Ltd FDR1020E Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2016. 4. 23
1/4
SEMICONDUCTOR
TECHNICAL DATA
FDR1020E
Revision No : 0
SCHOTTKY BARRIER DIODE
FEATURES
MARKING:
The marking bar indicates the cathode
SOD-523
Low Forward Voltage Drop
Surface Mount Package Ideally Suited For Automatic Insertion
L6
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
a
r
a
P
l
o
b
m
y
S
mete
t
i
m
i
L
r
Unit
VRRM
Repetitive Peak Reverse Voltage
20
V
VRWM
Working Peak Reverse Voltage
VR
DC Blocking Voltage
VR(RMS)
RMS Reverse Voltage
14
V
IFM
Forward Continuous Current
1.0
A
IFSM
Non-repetitivePeak Forward Surge Current @t=8.3ms
4
A
PD
Power Dissipation
150
mW
RθJA
Thermal Resistance from Junction to Ambient
667
℃/W
Junction temperature
125
Tstg
Storage Temperature
-55 ~ +150
ELECTRICAL CHARACTERISTICS (Ta = 25
° unless otherwise specified)
Parameter
Symbol
Test
Condition
Min
Typ
Max
Unit
Reverse breakdown voltage
V(BR)
IR=250
μA
V
Reverse current
IR
VR=10
μA
Forward voltage
VF
100
20
V
VR=20V
μA
IF=10mA
IF=100mA
Capacitance between terminals
CT
VR= 0V,f=1MHz
IF=1A
V
V
V
0.23
0.305
0.50
80
pF
120
Tj


Similar Part No. - FDR1020E

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDR1040DFN1006 FS-FDR1040DFN1006 Datasheet
322Kb / 5P
Schottky Barrier Diode
More results

Similar Description - FDR1020E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com