Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDS20U Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDS20U
Description  High Voltage Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS20U Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDS20U Datasheet HTML 1Page - First Silicon Co., Ltd FDS20U Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SC-76 / SOD-323
USC
2
2
ANODE
1
CATHODE
1
2011. 09. 06
1/2
SEMICONDUCTOR
TECHNICAL DATA
FDS20U
Revision No : 0
• Device Marking: JR
Switching Diode
High Voltage
ORDERING INFORMATION
Device
Package
Shipping
FDS20U
SOD–323
3000/Tape & Reel
Preferred: devices are recommended choices for future use and best overall value.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
s
u
o
u
n
i
t
n
o
C
R
250
Vdc
I
t
n
e
r
r
u
C
d
r
a
w
r
o
F
k
a
e
P
F
200
mAdc
Peak Forward Surge Current
IFM(surge)
625
mAdc
THERMALCHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR–5 Board,*
PD
200
mW
TA = 25°C
Derate above
7
5
.
1
C
°
5
2
mW/°C
Thermal Resistance Junction to Ambient
RθJA
635
°C/W
Junction and Storage
TJ, Tstg
–55 to+150
°C
Temperature Range
*FR–5 Minimum Pad
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
x
a
M
n
i
M
l
o
b
m
y
S
c
i
t
s
i
r
e
t
c
a
r
a
h
C
Unit
I
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
g
a
t
l
o
V
e
s
r
e
v
e
R
R
µAdc
(VR
0
.
1
–
)
c
d
V
0
0
2
=
(VR = 200 Vdc, TJ
0
0
1
–
)
C
°
0
5
1
=
V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
R
(BR)
250
–
Vdc
(IBR = 100
µAdc)
V
e
g
a
t
l
o
V
d
r
a
w
r
o
F
F
mV
(IF
0
0
0
1
–
)
c
d
A
m
0
0
1
=
(IF
0
5
2
1
–
)
c
d
A
m
0
0
2
=
C
e
c
n
a
t
i
c
a
p
a
C
e
d
o
i
D
D
–
5.0
pF
(VR = 0, f = 1.0 MHz)
t
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
rr
–
50
ns
(IF = IR = 30 mAdc, RL = 100 Ω)
JR M
MARKING DIAGRAM
JR= Specific Device Code
M = Date Code


Similar Part No. - FDS20U

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDS202U FS-FDS202U Datasheet
81Kb / 4P
Switching Diodes
FDS202UT1G FS-FDS202UT1G Datasheet
81Kb / 4P
Switching Diodes
FDS202UT3G FS-FDS202UT3G Datasheet
81Kb / 4P
Switching Diodes
logo
Fairchild Semiconductor
FDS2070N3 FAIRCHILD-FDS2070N3 Datasheet
192Kb / 6P
150V N-Channel PowerTrench MOSFET
FDS2070N7 FAIRCHILD-FDS2070N7 Datasheet
200Kb / 6P
150V N-Channel PowerTrench MOSFET
More results

Similar Description - FDS20U

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
High voltage switching diode
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
KODENSHI_AUK CORP.
SDS19F KODENSHI-SDS19F Datasheet
268Kb / 5P
High Voltage Switching Diode
SDS19WK KODENSHI-SDS19WK Datasheet
253Kb / 5P
High Voltage Switching Diode
SDS20 KODENSHI-SDS20 Datasheet
254Kb / 5P
High Voltage Switching Diode
SDS20D KODENSHI-SDS20D Datasheet
225Kb / 5P
High Voltage Switching Diode
SDS21F KODENSHI-SDS21F Datasheet
268Kb / 5P
High Voltage Switching Diode
logo
Taiwan Semiconductor Co...
BAV19 TSC-BAV19_11 Datasheet
208Kb / 3P
High Voltage Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com