Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDS20U Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDS20U
Description  High Voltage Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS20U Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDS20U Datasheet HTML 1Page - First Silicon Co., Ltd FDS20U Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2011. 09. 06
2/2
FDS20U
Revision No : 0
1000
100
10
1.0
0.1
0
02
0.4
06
0.8
10
12
1.4
Figure 1. Recovery Time Equivalent Test Circuit
100
10
1.0
0.1
0 01
0.001
0
50
100
150
200
250
300
VR, REVERSE VOLTAGE (V)
Figure 3. Leakage Current
20
18
16
1.4
12
10
08
06
0.4
02
0
0
50
10
15
20
25
30
35
VR, REVERSE VOLTAGE (V)
Figure 4. Total Capacitance
3.1
30
29
28
2.7
26
25
2.4
23
22
0
25
50
75
100 125 150 175
200 225 250
Notes: 1. A 2.0 kΩ variable resistor adjusted for a Forward Current (IF) of 30 mA.
2. Input pulse is adjusted so IR(peak) is equal to 30 mA.
3. tp » trr
+10 V
2.0k
820Ω
0.1 µF
D.U.T.
VR
100 µH
0.1 µF
50Ω Output
Pulse
Generator
50Ω Input
Sampling
Oscilloscope
tr
IF
tp
t
10%
90%
IR
trr
IF
t
iR(REC) = 3 0 mA
OUTPUT PULSE
(IF = IR = 30 mA; MEASURED
at iR(REC) = 3 0 mA)
INPUT SIGNAL
VF, FORWARD VOLTAGE (V)
Figure 2. Forward Current
IF, FORWARD CURRENT (mA)
Figure 5. Forward Voltage
f = 1 MHz
IE = 0 A
TA = 25°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com