Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDS21 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDS21
Description  HIGH VOLTAGE SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS21 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDS21 Datasheet HTML 1Page - First Silicon Co., Ltd FDS21 Datasheet HTML 2Page - First Silicon Co., Ltd FDS21 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SC-76 / SOD-323
USC
2
2
ANODE
1
CATHODE
• Applications
High speed switching
• Features
1) Small surface mounting type.
2) High Speed. (trr = 50ns max.)
3) High reliability with high surge current handing capability.
• Construction
Silicon epitaxial planar
1
Device Marking and Ordering Information
•
Device
Marking
Shipping
3000/Tape&Reel
FDS21
JS
2012. 01. 16
1/3
SEMICONDUCTOR
TECHNICAL DATA
FDS21U
Revision No : 0
HIGH VOLTAGE SWITCHING DIODE
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
s
u
o
u
n
i
t
n
o
C
R
250
Vdc
I
t
n
e
r
r
u
C
d
r
a
w
r
o
F
k
a
e
P
F
200
mAdc
Peak Forward Surge Current
IFM(surge)
625
mAdc
THERMALCHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR–5 Board,*
PD
200
mW
TA = 25°C
Derate above
7
5
.
1
C
°
5
2
mW/°C
Thermal Resistance Junction to Ambient
RθJA
635
°C/W
Junction and Storage
TJ, Tstg
–55 to+150
°C
Temperature Range
*FR–5 Minimum Pad
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
x
a
M
n
i
M
l
o
b
m
y
S
c
i
t
s
i
r
e
t
c
a
r
a
h
C
Unit
OFF CHARACTERISTICS
I
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
g
a
t
l
o
V
e
s
r
e
v
e
R
R
µAdc
(VR
0
.
1
–
)
c
d
V
0
0
2
=
(VR = 200 Vdc, TJ
0
0
1
–
)
C
°
0
5
1
=
Reverse Breakdown Voltage
V(BR)
250
–
Vdc
(IBR = 100
µAdc)
V
e
g
a
t
l
o
V
d
r
a
w
r
o
F
F
mV
(IF
0
0
0
1
–
)
c
d
A
m
0
0
1
=
(IF
0
5
2
1
–
)
c
d
A
m
0
0
2
=
Diode Capacitance
CD
–
5.0
pF
(VR = 0, f = 1.0 MHz)
Reverse Recovery Time
trr
–
50
ns
(IF = IR = 30 mAdc, RL = 100 Ω)


Similar Part No. - FDS21

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDS21 FS-FDS21 Datasheet
115Kb / 3P
High Voltage Switching Diode
logo
Fairchild Semiconductor
FDS2170N3 FAIRCHILD-FDS2170N3 Datasheet
201Kb / 6P
200V N-Channel PowerTrench??MOSFET
FDS2170N7 FAIRCHILD-FDS2170N7 Datasheet
209Kb / 6P
200V N-Channel PowerTrench MOSFET
logo
First Silicon Co., Ltd
FDS21C FS-FDS21C Datasheet
141Kb / 3P
High Voltage Switching Diode
FDS21S FS-FDS21S Datasheet
139Kb / 3P
High Voltage Switching Diode
More results

Similar Description - FDS21

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
High voltage switching diode
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
KODENSHI_AUK CORP.
SDS19F KODENSHI-SDS19F Datasheet
268Kb / 5P
High Voltage Switching Diode
SDS19WK KODENSHI-SDS19WK Datasheet
253Kb / 5P
High Voltage Switching Diode
SDS20 KODENSHI-SDS20 Datasheet
254Kb / 5P
High Voltage Switching Diode
SDS20D KODENSHI-SDS20D Datasheet
225Kb / 5P
High Voltage Switching Diode
SDS21F KODENSHI-SDS21F Datasheet
268Kb / 5P
High Voltage Switching Diode
logo
Taiwan Semiconductor Co...
BAV19 TSC-BAV19_11 Datasheet
208Kb / 3P
High Voltage Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com