Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDS21 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDS21
Description  HIGH VOLTAGE SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS21 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDS21 Datasheet HTML 1Page - First Silicon Co., Ltd FDS21 Datasheet HTML 2Page - First Silicon Co., Ltd FDS21 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2012. 01. 16
2/3
FDS21U
Revision No : 0
7000
6000
5000
4000
3000
6
5
4
3
2
1
0
1
2
5
10
20
50
100
200 300
1200
1000
800
600
400
200
1
1
10
100
1000
Figure 2. Forward Voltage
IF, FORWARD CURRENT (mA)
VR, REVERSE VOLTAGE (V)
Figure 3. Reverse Leakage
Notes: 1. A 2.0 kΩ variable resistor adjusted for a Forward Current (IF) of 30 mA.
2. Input pulse is adjusted so IR(peak) is equal to 30 mA.
3. tp » trr
+10 V
2 k
820 Ω
0.1 µF
DUT
VR
100 µH
0.1 µF
50 Ω OUTPUT
PULSE
GENERATOR
50 Ω INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 3 0 mA
OUTPUT PULSE
(IF = IR = 30 mA; measured
at iR(REC) = 3.0 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com