Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDS56 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDS56
Description  Dual Swtiching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS56 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDS56 Datasheet HTML 1Page - First Silicon Co., Ltd FDS56 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FDS56
2011. 10. 30
1/2
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 0
Ultra high speed switching application
Low Forward Voltage
Fast Reverse Rocovery Time
Small Total Capacitance
Case:SOT-23 Plastic Package
Weight:Approx. 0.008g
Packaging:
3K per 7"reel(8mm tape)
Marking: A1
Tamb=25
, unless otherwise specified
Tamb=25
, unless otherwise specified
1.30±0.15
1.0±0.10
0.00~0.10
L
0.55
M
0.40±0.10
1.90±0.10
H
0.95
J
0.12+0.0/-0.1
nS
Forward Voltage
Characteristic
Maximum Peak Reverse Voltage
Reverse Voltage
V
Reverse Recovery Time
trr
IF=10mA
-
1.6
pF
Total Capcitance
CT
VR=0, f=1MHZ
-
0.9
Reverse Current
IR
VR=80V
-
-
-
-
VF(1)
IF=1mA
-
0.60
VF(2)
IF=10mA
-
0.72
V
VR
Continuous Forward Current
Surge Current (1uS)
80
IF
250
IFSM
Symbol
Characteristic
2
Power Dissipation
(Mounted On 99.5% Alumina, 10*8*0.6mm)
uA
VF(3)
IF=150mA
Junction Temperature
Unit
Max.
Typ.
Min.
Test Condition
Dual Swtiching Diode
SOT-23
Unit
Symbol
Max Ratings
1.05±0.15
D
0.40±0.10
E
2.50+0.10/-0.25
Millimeters
A
2.90±0.15
B
Maximum Ratings & Thermal Characteristics
Electrical Characteristics
Features
85
VRM
Mechanical Data
Tj
150
Dim
C
G
K
N
PD
300
Storage Tempearture Range
Tstg
-55~150
L
E
B
L
M
3
1
2


Similar Part No. - FDS56

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS5670 FAIRCHILD-FDS5670 Datasheet
250Kb / 8P
60V N-Channel PowerTrench??MOSFET
logo
VBsemi Electronics Co.,...
FDS5670-NL VBSEMI-FDS5670-NL Datasheet
966Kb / 9P
N-Channel 60-V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
FDS5670-TP TECHPUBLIC-FDS5670-TP Datasheet
2Mb / 5P
N-Channel Enhancement Mode Power MOSFET
logo
Fairchild Semiconductor
FDS5672 FAIRCHILD-FDS5672 Datasheet
455Kb / 12P
N-Channel PowerTrench MOSFET
FDS5680 FAIRCHILD-FDS5680 Datasheet
261Kb / 8P
60V N-Channel PowerTrench??MOSFET
More results

Similar Description - FDS56

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK1062 TOSHIBA-2SK1062 Datasheet
192Kb / 3P
N CHANNEL MOS TYPE (HIGH SPEED SWTICHING, ANALOG SWITCHING, INTERFACE APPLICATIONS)
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4 Datasheet
117Kb / 2P
DUAL ZENER DIODE DUAL ZENER DIODE 350mW
logo
CHENG-YI ELECTRONIC CO....
R15 CHENG-YI-R15 Datasheet
117Kb / 2P
FAST SWTICHING RECTIFIER
logo
Vishay Siliconix
BB814-V-GH VISHAY-BB814-V-GH Datasheet
82Kb / 3P
Dual Varicap Diode
22-Apr-10
logo
Mean Well Enterprises C...
NEL-200 MEANWELL-NEL-200 Datasheet
545Kb / 2P
200W Single Output Swtiching Power Supply
EPS-15 MEANWELL-EPS-15_13 Datasheet
926Kb / 3P
15W SINGLE OUTPUT SWTICHING POWER SUPPLY
logo
Central Semiconductor C...
CPD30V CENTRAL-CPD30V Datasheet
479Kb / 2P
Dual Switching Diode
logo
ams AG
TSL25911 AMSCO-TSL25911 Datasheet
711Kb / 25P
Dual Diode
logo
First Silicon Co., Ltd
BAV16WS FS-BAV16WS Datasheet
121Kb / 2P
Ultra Swtiching Diode
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com