Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMBRF20100CT Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # TMBRF20100CT
Description  Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts , Forward Current 20A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

TMBRF20100CT Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  TMBRF20100CT Datasheet HTML 1Page - First Silicon Co., Ltd TMBRF20100CT Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IF - VF
FORWARD VOLTAGE VF(V)
REVERSE VOLTAGE VR(V)
IR - VR
2019. 02. 27
2/2
Revision No : 0
TMBRF20100CT
RATINGS AND CHARACTERISTIC CURVES
0 0
0 2
0.4
0.6
0.8
10-3
10-2
10-1
100
101
Ta = 100oC
Ta = 125oC
Ta = 150oC
Ta = 75 oC
Ta = 25oC
0
20
40
60
80
100
10-3
10-2
10-1
100
101
Ta = 100oC
Ta = 125oC
Ta = 150oC
Ta = 75 oC
Ta = 25oC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com