Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMBRF20100CT Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # TMBRF20100CT
Description  Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts , Forward Current 20A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

TMBRF20100CT Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  TMBRF20100CT Datasheet HTML 1Page - First Silicon Co., Ltd TMBRF20100CT Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Average Output Rectified Current
: IO =20A.
Repetitive Peak Reverse Voltage
: VRRM =100V.
Low Forward Voltage.
Low Reverse Current.
MAXIMUM RATING (Ta=25℃ unless otherwise noted)
TO-220F
1 ANODE
2 CATHODE
3 ANODE
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise noted)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Peak Forward Voltage
VF
IF =1A
-
0.39
-
V
IF =3A
-
0.47
Repetitive Peak
Reverse Current
I RRM
VRRM=100V
-
12
50
Thermal Resistance
Rth(j-c)
Juction to Case
-
-
3.5
/W
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
100
V
I
20
A
Peak One Cycle Surge Forward
Current (Non-Repetitive 60Hz)
IFSM
180
A
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-40 ~150
APPLICATIONS
Converter & Chopper
℃
℃
①
②
③
uA
Switching Mode Power Supply
SEMICONDUCTOR
TECHNICAL DATA
TMBRF20100CT
2019. 02. 27
1/2
Revision No : 0
Dual Schottky Barrier Rectifiers
Reverse Voltage 100 Volts , Forward Current 20A
Maximum Average Forward
Rectified Current
Total device
Per leg
10
(AV)
F
IF =5A
IF =10A
-
-
0.53
-
-
0.67
0.73
Reverse Breakdown Voltage
V(BR)
IR=0.1mA
100
113
-
V
A
A
B
C
C
D
D
E
E
F
G
H
H
1.52 MAX
1.52 MAX
J
K
L
M
L
N
N
N
O
Q
R
R
1
2
3
M
DIM MILLIMETERS
10.16 0.20
+_
15.00 0.20
+_
3.00 0.20
+_
0.625±0.125
3.50 typ
0.45 0.1
+_
3.80 0.2
+_
13.20 0.20
+_
2.54 0.2
+_
4.50 0.2
+_
6.36 0.3
+_
2.70 0.20
+_
2.7 typ
16.80 0.4
+_


Similar Part No. - TMBRF20100CT

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
TMBRF20100CT KEC-TMBRF20100CT Datasheet
352Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results

Similar Description - TMBRF20100CT

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSBR20100CT HSMC-HSBR20100CT Datasheet
176Kb / 5P
Schottky Barrier Rectifiers (Reverse Voltage 100V to150V, Forward Current 20A)
logo
First Silicon Co., Ltd
TMBRF10100CT FS-TMBRF10100CT Datasheet
276Kb / 2P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts , Forward Current 10A
TMBRF30100CT FS-TMBRF30100CT Datasheet
337Kb / 2P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts , Forward Current 30A
MBR20200CT FS-MBR20200CT Datasheet
214Kb / 3P
Dual Schottky Barrier Rectifier Reverse Voltage 200 Volts , Forward Current 20A
MBRB20200CT FS-MBRB20200CT Datasheet
222Kb / 3P
Dual Schottky Barrier Rectifier Reverse Voltage 200 Volts , Forward Current 20A
MBR10100CT FS-MBR10100CT Datasheet
321Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts , Forward Current 10A
MBR30100CT FS-MBR30100CT Datasheet
246Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts Forward Current 30.0 Amperes
MBR40100CT FS-MBR40100CT Datasheet
245Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts Forward Current 40.0 Amperes
MBR4045CT FS-MBR4045CT Datasheet
406Kb / 6P
Dual Schottky Barrier Rectifiers Reverse Voltage 45 Volts , Forward Current 40A
logo
Leshan Radio Company
LMBR20S100SN56 LRC-LMBR20S100SN56 Datasheet
474Kb / 5P
Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 20A
Rev.A Oct. 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com