Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP5-3R3-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # UP5-3R3-R
Description  High power, drum inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

UP5-3R3-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  UP5-3R3-R Datasheet HTML 1Page - Eaton All Rights Reserved. UP5-3R3-R Datasheet HTML 2Page - Eaton All Rights Reserved. UP5-3R3-R Datasheet HTML 3Page - Eaton All Rights Reserved. UP5-3R3-R Datasheet HTML 4Page - Eaton All Rights Reserved. UP5-3R3-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data 4409
Effective December 2015
Supersedes April 2011
Description
•
18.54 x 15.24 x 7.11mm maximum surface
mount package
•
Ferrite core material
•
Inductance range from 1.0μH to 1000μH
•
Current range from 0.56 to 20 Amps
•
Frequency range up to 1MHz
•
RoHS compliant
Applications
•
Buck or boost inductor
•
Desktop computer
•
Workstations/servers
•
DVD Players
•
Portable power devices
•
Base stations
•
Industrial power supplies
•
Output filter chokes
•
Test equipment instrumentation
Environmental Data
•
Storage temperature range: -40°C to +125°C
•
Operating temperature range: -40°C to +125°C
(ambient plus self-temperature rise)
•
Solder reflow temperature: J-STD-020D
compliant
Pb
HALOGEN
HF
FREE
UP5
High power, drum inductors


Similar Part No. - UP5-3R3-R

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
UP56 TTELEC-UP56 Datasheet
332Kb / 1P
Ultrasonic Level Sensor
logo
SICK AG
UP56-211112 SICK-UP56-211112 Datasheet
1Mb / 6P
LEVEL SENSORS
2016-06-16
UP56-211114 SICK-UP56-211114 Datasheet
1Mb / 6P
LEVEL SENSORS
2016-06-16
UP56-211118 SICK-UP56-211118 Datasheet
1Mb / 7P
LEVEL SENSORS
2016-06-16
UP56-211128 SICK-UP56-211128 Datasheet
1Mb / 7P
LEVEL SENSORS
2016-06-16
More results

Similar Description - UP5-3R3-R

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8400-XXX FILTRAN-8400-XXX Datasheet
70Kb / 1P
Inductors Surface Mount Drum Core Power Inductors
8403-XXX FILTRAN-8403-XXX Datasheet
193Kb / 1P
Inductors Surface Mount Drum Core Power Inductors
8404-XXX FILTRAN-8404-XXX Datasheet
193Kb / 1P
Inductors Surface Mount Drum Core Power Inductors
8405-XXX FILTRAN-8405-XXX Datasheet
194Kb / 1P
Inductors Surface Mount Drum Core Power Inductors
logo
Rhombus Industries Inc.
L-529 RHOMBUS-IND-L-529 Datasheet
16Kb / 1P
Mini Drum Inductors
11/11/99
logo
Productwell Precision E...
DR0406-1R0M PRODUCTWELL-DR0406-1R0M Datasheet
102Kb / 5P
DRUM INDUCTORS
logo
Eaton All Rights Reserv...
DR73-R33-R EATON-DR73-R33-R Datasheet
845Kb / 9P
High power density, high efficiency, shielded drum core power inductors
LDS0705 EATON-LDS0705 Datasheet
945Kb / 4P
Shielded metalized drum core power inductors
UP2UC EATON-UP2UC Datasheet
617Kb / 4P
UNI-PAC??drum core power inductors
logo
RENCO ELECTRONICS, INC.
RL-5480 RENCO-RL-5480 Datasheet
319Kb / 8P
?쏮INI-DRUM??INDUCTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com