Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP5-3R3-R Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # UP5-3R3-R
Description  High power, drum inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

UP5-3R3-R Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  UP5-3R3-R Datasheet HTML 1Page - Eaton All Rights Reserved. UP5-3R3-R Datasheet HTML 2Page - Eaton All Rights Reserved. UP5-3R3-R Datasheet HTML 3Page - Eaton All Rights Reserved. UP5-3R3-R Datasheet HTML 4Page - Eaton All Rights Reserved. UP5-3R3-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Technical Data
4409
Effective December 2015
UP5
High power, drum inductors
www.eaton.com/elx
Temperature rise vs. total loss
Packaging information
Supplied in tape-and-reel packaging, 250 parts per reel, 13” diameter reel.
±
0
10
20
30
40
50
60
Total Loss (W)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com