Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1823 Datasheet(PDF) 21 Page - Microchip Technology

Part # EMC1823
Description  Multi-Channel Low Voltage Temp Sensors with Shutdown
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1823 Datasheet(HTML) 21 Page - Microchip Technology

Back Button EMC1823 Datasheet HTML 17Page - Microchip Technology EMC1823 Datasheet HTML 18Page - Microchip Technology EMC1823 Datasheet HTML 19Page - Microchip Technology EMC1823 Datasheet HTML 20Page - Microchip Technology EMC1823 Datasheet HTML 21Page - Microchip Technology EMC1823 Datasheet HTML 22Page - Microchip Technology EMC1823 Datasheet HTML 23Page - Microchip Technology EMC1823 Datasheet HTML 24Page - Microchip Technology EMC1823 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 103 page
background image
...........continued
SYS_SHDN Pull Up Decode
ALERT Pull-Up Decode
Combine
d Decode
(HEX)
Threshold
Temperatur
e
1
0
1
1
0
0
2Ch
111°C
1
0
1
1
0
1
2Dh
112°C
The Hardware Shutdown circuitry measures the External Diode 1 Channel and compares it against the
Hardware Thermal Shutdown Limit. The THERM pin consecutive alert counter (default 4 for the
SYS_SHDN pin) applies to this comparison. If the temperature meets or exceeds the limit for the number
of consecutive measurements, the SYS_SHDN pin is asserted. The SYS_SHDN pin remains asserted
until the temperature drops below the limit minus 10°C. As well, all of the measurement channels
(including the External Diode 1 channel) can be configured to assert theSYS_SHDN pin. If a channel is
configured to assert the SYS_SHDN pin, the temperature on the measured channel must exceed the
programmed therm limit value. This is treated in the same way as the THERM output. For additional
information, see 8.11.17 HARDWARE THERMAL SHUTDOWN LIMIT.
7.7
External Diode Connections
The EMC1822 can be configured to measure a CPU substrate transistor, a discrete 2N3904 thermal
diode, or an CPU/GPU processor diode. The diodes can be connected as indicated in the figure below.
The EMC1823 can be configured to measure a CPU substrate transistor, a discrete 2N3904 thermal
diode, or an CPU/GPU processor diode on the External Diode 1 or External Diode 2 channels. For the
EMC1824, External Diode 2 and External Diode 3 channels are configured to measure a pair of discrete
anti-parallel diodes (shared on pins DP2 and DN2). The supported configurations for the external diode
channels are shown in the following figure.
Multi-Channel Low Voltage Temp Sens...
System Block Diagram
© 2018 Microchip Technology Inc.
Datasheet
DS20006048A-page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com