Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1823 Datasheet(PDF) 13 Page - Microchip Technology

Part # EMC1823
Description  Multi-Channel Low Voltage Temp Sensors with Shutdown
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1823 Datasheet(HTML) 13 Page - Microchip Technology

Back Button EMC1823 Datasheet HTML 9Page - Microchip Technology EMC1823 Datasheet HTML 10Page - Microchip Technology EMC1823 Datasheet HTML 11Page - Microchip Technology EMC1823 Datasheet HTML 12Page - Microchip Technology EMC1823 Datasheet HTML 13Page - Microchip Technology EMC1823 Datasheet HTML 14Page - Microchip Technology EMC1823 Datasheet HTML 15Page - Microchip Technology EMC1823 Datasheet HTML 16Page - Microchip Technology EMC1823 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 103 page
background image
5.1
Power Supply (VDD)
This pin is used to supply power to the device.
5.2
Diode 1 Pair (DN1/DP1)
Remote Diode 1 anode (DP1) and cathode (DN1) pins.
5.3
System Shutdown
The EMC1822/23/24/25/43 devices contain a hardware configured temperature limit circuit that controls
the SYS_SHDN pin. The threshold temperature is determined by the pull-up resistors on both the
SYS_SHDN and ALERT pins. Note, Standby and One-shot modes cannot be enabled in device
configurations including system shutdown functionality .
The final temperature decode is the responsibility of the digital block. The overall decode is shown in
Table 7-3.
The Hardware Shutdown circuitry measures the External Diode 1 Channel and compares it against the
Hardware Thermal Shutdown Limit. The THERM pin consecutive alert counter (default 4 for the
SYS_SHDN pin) applies to this comparison. If the temperature meets or exceeds the limit for the number
of consecutive measurements, the SYS_SHDN pin is asserted. The SYS_SHDNpin remains asserted
until the temperature drops below the limit minus 10°C. As well, all of the measurement channels
(including the External Diode 1 channel) can be configured to assert theSYS_SHDN pin. If a channel is
configured to assert the SYS_SHDN pin, the temperature on the measured channel must exceed the
programmed therm limit value. This is treated in the same way as the THERM output.
5.4
Ground (GND)
This pin is used to ground the device.
5.5
Maskable ALERT (ALERT/THERM2)
This pin asserts when a diode temperature exceeds the ALERT threshold. This pin may be masked by
register settings.
5.6
SMBus/I2C Data (SDA)
This is the open-drain, bidirectional data pin for SMBus communication.
5.7
DP/DP1
•
DP/DP1: DP and DP1 anode
5.8
DN/DN1
•
DN/DN1: DN and DN1 cathode
Multi-Channel Low Voltage Temp Sens...
Pin Descriptions
© 2018 Microchip Technology Inc.
Datasheet
DS20006048A-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com