Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD3768D Datasheet(PDF) 21 Page - NEC

Part # UPD3768D
Description  7500 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3768D Datasheet(HTML) 21 Page - NEC

Back Button UPD3768D Datasheet HTML 16Page - NEC UPD3768D Datasheet HTML 17Page - NEC UPD3768D Datasheet HTML 18Page - NEC UPD3768D Datasheet HTML 19Page - NEC UPD3768D Datasheet HTML 20Page - NEC UPD3768D Datasheet HTML 21Page - NEC UPD3768D Datasheet HTML 22Page - NEC UPD3768D Datasheet HTML 23Page - NEC UPD3768D Datasheet HTML 24Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet S15418EJ2V0DS
21
µµµµ PD3768
NOTES ON HANDLING THE PACKAGES
OPERATE AND STORAGE ENVIRONMENTS
3
Operate in clean environments. CCD image sensors are precise optical equipment that should not be subject
to mechanical shocks. Exposure to high temperatures or humidity will affect the characteristics. So avoid
storage or usage in such conditions.
Keep in a case to protect from dust and dirt. Dew condensation may occur on CCD image sensors when the
devices are transported from a low-temperature environment to a high-temperature environment. Avoid such
rapid temperature changes.
For more details, refer to our document "Review of Quality and Reliability Handbook" (C12769E)
ELECTROSTATIC BREAKDOWN
CCD image sensor is protected against static electricity, but destruction due to static electricity is sometimes
detected. Before handling be sure to take the following protective measures.
1. Ground the tools such as soldering iron, radio cutting pliers of or pincer.
2. Install a conductive mat or on the floor or working table to prevent the generation of static electricity.
3. Either handle bare handed or use non-chargeable gloves, clothes or material.
4. Ionized air is recommended for discharge when handling CCD image sensor.
5. For the shipment of mounted substrates, use box treated for prevention of static charges.
6. Anyone who is handling CCD image sensors, mounting them on PCBs or testing or inspecting PCBs on
which CCD image sensors have been mounted must wear anti-static bands such as wrist straps and ankle
straps which are grounded via a series resistance connection of about 1 M
Ω.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com