Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD3768D Datasheet(PDF) 13 Page - NEC

Part # UPD3768D
Description  7500 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3768D Datasheet(HTML) 13 Page - NEC

Back Button UPD3768D Datasheet HTML 9Page - NEC UPD3768D Datasheet HTML 10Page - NEC UPD3768D Datasheet HTML 11Page - NEC UPD3768D Datasheet HTML 12Page - NEC UPD3768D Datasheet HTML 13Page - NEC UPD3768D Datasheet HTML 14Page - NEC UPD3768D Datasheet HTML 15Page - NEC UPD3768D Datasheet HTML 16Page - NEC UPD3768D Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet S15418EJ2V0DS
13
µµµµ PD3768
DEFINITIONS OF CHARACTERISTIC ITEMS
1. Saturation voltage : Vsat
Output signal voltage at which the response linearity is lost.
2. Saturation exposure : SE
Product of intensity of illumination (lx) and storage time (s) when saturation of output voltage occurs.
3. Photo response non-uniformity : PRNU
The output signal non-uniformity of all the valid pixels when the photosensitive surface is applied with the light
of uniform illumination. This is calculated by the following formula, and it is defined by each six of them.
4. Average dark signal : ADS
Average output signal voltage of all the valid pixels at light shielding. This is calculated by the following
formula, and it is defined by each six of them.
x
Register Dark
DC level
VOUT
x
∆
ADS (mV) =
dj : Dark signal of valid pixel number j
7500
Σ
j = 1
7500
dj
PRNU (%) =
x =
xj : Output voltage of valid pixel number j
x
x : maximum of
xj − x 
x
7500
Σ
j=1
7500
xj
× 100
∆
∆



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com