Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDR521LP Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDR521LP
Description  Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR521LP Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDR521LP Datasheet HTML 1Page - First Silicon Co., Ltd FDR521LP Datasheet HTML 2Page - First Silicon Co., Ltd FDR521LP Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FDR521LP
2014. 02. 13
1/3
Revision No : 0
Schottky Barrier Diode
Absolute Maximum Ratings (TA=25℃ unless otherwise specified)
Symbol
Parameter
Value
Unit
VR
Reverse Voltage (DC)
30
V
IO
Average Rectified Forward Current
100
mA
IFSM
Forward Current SurgePeak (60Hz/1cyc)
500
mA
JunctionTemperature
150
Storage Temperature
-40-+150
Electrical Characteristics (TA=25℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Forward Voltage
VF
IF = 10mA
-
-
0.35
V
Reverse Leakage Current
IR
VR = 10V
10
uA
Features
Ultra Small Power Mold Type
Low IR
High Reliability
Low Current Rectification
Mechanical Data
Case Material: Molded Plastic,"Green" Molding Compound.
UL FlammabilityClassificationRating 94V-0
Moisture Sensitivity:Level 1 per J-STD-020
Terminal Connections:Cathode Dot
Terminals: Finish -NiPdAu annealed over Copperleadframe
Solderable per MIL-STD-202, Method 208
Weight: 0.001grams (approximate)
Applications
Mobile Handsets
MP3 Players
Digital Camera and Camcorders
NotebookPCs & PDAs
GPS
CASE: DFN1006-2
Thermal Characteristics
Symbol
Parameter
Value
Unit
RθJA
Thermal Resistance,Junctionto AmbientAir
400
°C/W
TJ
°C
TSTG
°C


Similar Part No. - FDR521LP

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDR521-0603 FS-FDR521-0603 Datasheet
643Kb / 4P
SCHOTTKY BARRIER DIODE
FDR521-1006 FS-FDR521-1006 Datasheet
472Kb / 3P
Schottky Barrier Diode
FDR521E FS-FDR521E Datasheet
322Kb / 3P
SCHOTTKYBARRIERDIODE
FDR521F FS-FDR521F Datasheet
339Kb / 4P
SCHOTTKY BARRIER DIODE
FDR521G FS-FDR521G Datasheet
335Kb / 4P
SCHOTTKYBARRIERDIODE
More results

Similar Description - FDR521LP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com