Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16878 Datasheet(PDF) 13 Page - NEC

Part # UPD16878
Description  MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16878 Datasheet(HTML) 13 Page - NEC

Back Button UPD16878 Datasheet HTML 9Page - NEC UPD16878 Datasheet HTML 10Page - NEC UPD16878 Datasheet HTML 11Page - NEC UPD16878 Datasheet HTML 12Page - NEC UPD16878 Datasheet HTML 13Page - NEC UPD16878 Datasheet HTML 14Page - NEC UPD16878 Datasheet HTML 15Page - NEC UPD16878 Datasheet HTML 16Page - NEC UPD16878 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet S15974EJ1V0DS
13
µµµµPD16878
<2nd byte>
The 2nd byte specifies the delay between data being read and data being output. This delay is called the start up
wait time, and the motor can be driven from that point at which the start up wait time is “0”. This time is counted at the
rising edge of VD. The start up wait time can be set to 2.04 ms (when a 4-MHz clock is input), and can be fine-tuned
by means of 8-bit division (8-
µs step: with 4-MHz clock). The start up wait time is set to 2.04 ms when all the bits of
the 2nd byte are set to “1”.
Caution Always input data other than “0” to this byte because the start up wait time is necessary for
latching data. If “0” is input to this byte, data cannot be updated. Transfer standard data during the
start up wait time.
<3rd byte>
The 3rd byte specifies the delay between the start point wait time being cleared and the output pulse being
generated. This time is called the start up drive wait time, and the output pulse is generated from the point at which
the start up drive wait time reaches “0”. The start up drive wait time is counted at the falling edge of the start up wait
time. The start up drive wait time can be set to 2.04 ms (with 4-MHz clock) and can be fine-tuned by means of 8-bit
division (8
µs step: with 4-MHz clock). The start up drive wait time is set to 2.04 ms when all the bits of the 3rd byte
are “1”.
Caution Always input data other than “0” to this byte because the start up drive wait time is necessary for
latching data. If “0” is input to this byte, data cannot be updated.
<4th byte>
The 4th byte selects a chopping frequency by using 5-bit data. It also selects whether the chopping frequency is
created by dividing the original oscillation (external clock) or whether the internal oscillator is used. The chopping
frequency is selected by bits D0 to D4. Bit D7 specifies the method used to create the chopping frequency. When this
bit is “0”, the original oscillation (external clock input to OSCIN) is used; when it is “1”, the internal oscillator is used.
Bits D5 and D6 are fixed to “0”.
The chopping signal is output after the initial data has been input and the first standard data has been latched
(see Timing Chart).
Table 5-3. 4th Byte Data Configuration (Initial data)
Bit
D7D6
D5D4D3D2D1D0
Data
0 or 1
0
0
0 or 1
0 or 1
0 or 1
0 or 1
0 or 1
The chopping frequency is set to 0 kHz and to a value in the range of 32 to 124 kHz (in 4-kHz steps), as follows.
Although the chopping frequency is set by 5 bits of data, it is internally configured using 7-bit data (with the low-
order 2 bits fixed to 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com