Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCV27 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # BCV27
Description  DARLINGTON TRANSISTOR (NPN)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BCV27 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  BCV27 Datasheet HTML 1Page - First Silicon Co., Ltd BCV27 Datasheet HTML 2Page - First Silicon Co., Ltd BCV27 Datasheet HTML 3Page - First Silicon Co., Ltd BCV27 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BCV27
2016. 12. 16
2/4
Revision No : 0
Typical Performance Characteristics
Figure 1. Typical Pulsed Current Gain vs.
Collector Current
Figure 2. Collector-Emitter Saturation Voltage vs.
Collector Current
Figure 3. Base-Emitter Saturation Voltage vs.
Collector Current
Figure 4. Base Emitter On Voltage vs.
Collector Current
Figure 5. Collector Cut-Off Current vs.
Ambient Temperature
Figure 6. Collector-Emitter Breakdown Voltage with
Resistance Between Emitter-Base
0.001
0.01
0.1
1
0
25
75
50
90
115
I - COLLECTOR CURRENT (A)
C
25 °C
125 °C
- 40 °C
V = 5V
CE
1
10
100
1000
0
0.4
0.8
1.2
1.6
I - COLLECTOR CURRENT (mA)
C
25°C
- 40 °C
125 °C
β
= 1000
1
10
100
1000
0
0.4
0.8
1.2
1.6
2
I - COLLECTOR CURRENT (mA)
C
25 °C
- 40 °C
125 °C
β
= 1000
1
10
100
1000
0
0.4
0.8
1.2
1.6
2
I - COLLECTOR CURRENT (mA)
C
V = 5V
CE
- 40 °C
25 °C
125 °C
25
50
75
100
125
0.01
0.1
1
10
100
T - AMBIENT TEMPERATURE ( C)
A
°
V = 30V
CB
0.1
1
10
100
1000
59.5
60
60.5
61
61.5
62
62.5
RESISTANCE (k )



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com