Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCV27 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # BCV27
Description  DARLINGTON TRANSISTOR (NPN)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BCV27 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  BCV27 Datasheet HTML 1Page - First Silicon Co., Ltd BCV27 Datasheet HTML 2Page - First Silicon Co., Ltd BCV27 Datasheet HTML 3Page - First Silicon Co., Ltd BCV27 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2016. 12. 06
3/4
Revision No : 0
BCV27
Typical Performance Characteristics (Continued)
Figure 7. Input and Output Capacitance vs.
Reverser Voltage
Figure 8. Gain Bandwidth Product vs.
Collector Current
Figure 9. Power Dissipation vs. Ambient Temperature
0.1
1
10
100
2
5
10
20
V - COLLECTOR VOLTAGE(V)
Cib
Cob
f = 1.0 MHz
0
5
1
0
0
1
0
5
0
2
0
1
1
0
100
200
300
400
500
I - COLLECTOR CURRENT (mA)
C
V = 5V
ce
0
25
50
75
100
125
150
0
50
100
150
200
250
300
350
TEMPERATURE ( C)
o
SOT-23



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com