Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB3 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # DB3
Description  Trigger Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DB3 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  DB3 Datasheet HTML 1Page - First Silicon Co., Ltd DB3 Datasheet HTML 2Page - First Silicon Co., Ltd DB3 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2011.11. 23
1/3
SEMICONDUCTOR
TECHNICAL DATA
DB3 , DB4 , DC34
Revision No : 0
s
e
d
o
i
D
r
e
g
g
i
r
T
n
o
i
t
p
i
r
c
s
e
D
s
e
r
u
t
a
e
F
s
g
n
i
t
a
R
e
t
u
l
o
s
b
A
)
s
e
u
l
a
v
g
n
i
t
i
m
il
(
V
BO: 32V / 34V / 40V Versions
Low Breakover Current
High reliability glass passivation insuring parameter stability and
protection against junction contamination.
s
l
o
b
m
y
s
S
r
e
t
e
m
a
r
a
e
P
u
l
a
V
s
t
i
n
U
P
t
i
u
c
r
i
c
d
e
t
n
i
r
p
n
o
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
P
)
m
m
0
1
=
L
(
T
A
5
6
=
o
0
C
5
1
W
m
I
M
R
T
t
n
e
r
r
u
c
e
t
a
t
s
-
n
o
k
a
e
p
e
v
i
t
i
t
e
p
e
R
0
2
=
p
t
us
z
H
0
0
1
=
F
0
.
2
s
p
m
A
T
J
T
,
G
T
S
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
n
o
t
c
n
u
j
g
n
i
t
a
r
e
p
o
d
n
a
e
g
a
r
o
t
S
5
2
1
+
o
t
0
4
-
5
2
1
+
o
t
0
4
-
oC
oC
s
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
s
l
o
b
m
y
s
S
r
e
t
e
m
a
r
a
e
P
u
l
a
V
s
t
i
n
U
R
a
-
j
(
h
t
)
t
n
e
i
b
m
a
o
t
n
o
i
t
c
n
u
0
J
0
4
o
/
C W
R
l
-
j
(
h
t
)
s
d
a
e
l
-
n
o
i
t
c
n
u
0
J
5
1
o
/
C W
Note:
Suffix: “-P” to order Molded Plastic Package
Suffix: “-G” to order Molded Glass Package


Similar Part No. - DB3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB3 STMICROELECTRONICS-DB3 Datasheet
43Kb / 4P
TRIGGER DIODES
Apr-1995
logo
Shanghai Sunrise Electr...
DB3 SSE-DB3 Datasheet
15Kb / 1P
BIDIRECTIONAL TRIGGER DIODE
logo
Shanghai Lunsure Electr...
DB3 CHENYI-DB3 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Dc Components
DB3 DCCOM-DB3 Datasheet
167Kb / 2P
TECHNICAL SPECIFICATIONS OF BIDIRECTIONAL DIODE THYRISTORS (DIACS)
logo
Hi-Sincerity Mocroelect...
DB3 HSMC-DB3 Datasheet
18Kb / 2P
TRIGGER DIODES
More results

Similar Description - DB3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB3 STMICROELECTRONICS-DB3 Datasheet
43Kb / 4P
TRIGGER DIODES
Apr-1995
logo
GOOD-ARK Electronics
LLDB-3 GOOD-ARK-LLDB-3 Datasheet
68Kb / 1P
Trigger Diodes
logo
Rectron Semiconductor
DB3S RECTRON-DB3S Datasheet
173Kb / 4P
TRIGGER DIODES
DB3 RECTRON-DB3 Datasheet
488Kb / 4P
TRIGGER DIODES
DB3W RECTRON-DB3W Datasheet
199Kb / 5P
TRIGGER DIODES
LLDB3 RECTRON-LLDB3 Datasheet
179Kb / 4P
TRIGGER DIODES
DB3SEL RECTRON-DB3SEL Datasheet
453Kb / 5P
TRIGGER DIODES
logo
GOOD-ARK Electronics
DB3 GOOD-ARK-DB3 Datasheet
185Kb / 3P
Trigger Diodes
DB3 GOOD-ARK-DB3_15 Datasheet
185Kb / 3P
Trigger Diodes
logo
Diotec Semiconductor
DB3 DIOTEC-DB3_17 Datasheet
132Kb / 2P
Trigger-Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com