Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA2803F Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FA2803F
Description  Earth Leakage Detector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FA2803F Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FA2803F Datasheet HTML 1Page - First Silicon Co., Ltd FA2803F Datasheet HTML 2Page - First Silicon Co., Ltd FA2803F Datasheet HTML 3Page - First Silicon Co., Ltd FA2803F Datasheet HTML 4Page - First Silicon Co., Ltd FA2803F Datasheet HTML 5Page - First Silicon Co., Ltd FA2803F Datasheet HTML 6Page - First Silicon Co., Ltd FA2803F Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2/7
Revision No : 0
FA2803P/F
Block diagram
V+
Voltage Regulator
Latch
Bias
Amp
8
7
6
5
1
2
3
4
OS
NR
SC
VR
IN
GND
OD
Absolute Maximum Rating (T
A = -40 ~ 85°C)
Parameter
Conditions
Symbol
Ratings
Unit
Supply Current
ICC
8
mA
VR pin current
VR ~IN(Note1)
IVR
250
mA
VR ~GND
30
IN ~VR(Note1)
-250
IN terminal current
IN ~VR(Note1)
IIN
250
mA
IN ~GND
30
VR ~IN(Note1)
-250
Sc terminal current
ISC
5
mA
Power dissipation
Pd
200
mW
Operating temperature
Topr
-40 ~85
°C
Storage Temperature
Tstg
-55 ~125
°C
Note1 : Current value between VR and IN, and between IN and VR is less than 1ms in the pulse width, and
duty cycle is less than 12%. In applying AC current continuously, it is 100mArms in the off-state.
Remarks : GND terminal(pin③) of the circuit is a basis of all the voltages except differential input clamp
voltage of DC electrical characteristics, and direction of current is plus(no signal) in flowing into the
circuit and is minus (-signal) in flowing out of it. Maximum value and minimum one are shown as
absolute value. Please don’t apply voltage whose standard is GND terminal in VR and IN pin.
2012.01.04



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com