Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA2803F Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FA2803F
Description  Earth Leakage Detector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FA2803F Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FA2803F Datasheet HTML 1Page - First Silicon Co., Ltd FA2803F Datasheet HTML 2Page - First Silicon Co., Ltd FA2803F Datasheet HTML 3Page - First Silicon Co., Ltd FA2803F Datasheet HTML 4Page - First Silicon Co., Ltd FA2803F Datasheet HTML 5Page - First Silicon Co., Ltd FA2803F Datasheet HTML 6Page - First Silicon Co., Ltd FA2803F Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2012.01.04
3/7
FA2803P/F
Revision No : 0
Recommended Operating Condition (T
A = -40 ~ 85°C)
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage when latch circuit is off-state
V+
12
V
VS -GND Capacitor
CVS
1
uF
OS -GND Capacitor
COS
1
uF
Electrical Characteristics (T
A =-40 ~ 85°C, Typical values are at TA = 25°C)
Parameter
Symbol
Conditions
Temp
(°C)
Min
Typ
Max
Unit
Test
Circuit
Supply Current1
IS1
V+=12V, VR-VI=30mV
-40
-
-
580
uA
1
25
-
400
530
85
-
-
480
Trip Voltage
VT
V+=16V. VR-VI=X(Note2)
-40~85
10.0
13.5
17.0
mVrms
2
Differential Amplifier
Output Current1
ITD1
V+=16V, VR-VI=30mV
VOD=1.2V
25
-12
-
-30
uA
3
Differential Amplifier
Output Current2
ITD2
V+=16V, VR-VI=short
VOD=0.8V
25
17
-
37
uA
4
Output Current
IO
VSC=1.4V
VOS=0.8V
IS1=580 uA
-40
-200
-
uA
5
IS1=530 uA
25
-100
-
IS1=480 uA
85
-75
-
SC On Voltage(Note3)
VSC ON
V+=16V
25
0.7
-
1.4
V
6
SC Input Current
ISC ON
V+=12V
25
-
-
5
uA
7
Output “L” Current
IOSL
V+12V, VOSL = 0.2V
-40~85
200
-
-
uA
8
Input Clamp Voltage
VIC
V+=12V, IIC=20mA
-40~85
4.3
-
6.7
V
9
Differential Input
Clamp Voltage
VIDC
IIDC = 100mA
-40~85
0.4
-
2
V
10
Max Current voltage
VSM
ISM=7mA
25
20
-
28
V
11
Supply Current2
(Note4)
IS2
VOS=0.5V, VR-VI=X(Note5)
-40~85
-
-
900
uA
12
Latch Circuit off-state
Supply Voltage(Note6)
V+ OFF
25
0.5
-
V
13
Operating time(Note7)
TON
V+=16V, VR-VI=0.3V
25
2
-
4
ms
14
Note2 : When standard value of voltage (50/60Hz) between VR and VI is minimum, and output OS is low-level,
or when standard value of voltage (50/60Hz) between VR and VI is maximum, and output OS is high- level,
it is considered as a good one.
Note3 : When standard value of voltage VSC ON is minimum, and output OS is low-level, or when standard value of voltage
VSC ON is maximum, and output OS is high-level, it is considered as a good one
Note4 : Supply current2 is necessary to keep high in output OS.
Note5 : After applying 30mV between VR and V1 and shorting between them, it is considered as a good
one if standard value of IGT flows out of output OS.
Note6 : After supply voltage applies 12V and output OS is high-level, it is considered as a good one in the
standard value of supply voltage and in the low-level of output OS.
Note7 : Operating time is a time from applying fixed input till operating latch circuit in 0.047uF between OD and GND.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com