Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC2576 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FAC2576
Description  3A 52KHZ PWM Buck DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC2576 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FAC2576 Datasheet HTML 1Page - First Silicon Co., Ltd FAC2576 Datasheet HTML 2Page - First Silicon Co., Ltd FAC2576 Datasheet HTML 3Page - First Silicon Co., Ltd FAC2576 Datasheet HTML 4Page - First Silicon Co., Ltd FAC2576 Datasheet HTML 5Page - First Silicon Co., Ltd FAC2576 Datasheet HTML 6Page - First Silicon Co., Ltd FAC2576 Datasheet HTML 7Page - First Silicon Co., Ltd FAC2576 Datasheet HTML 8Page - First Silicon Co., Ltd FAC2576 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
3A 52KHZ PWM Buck DC/DC Converter
Absolute Maximum Ratings
Note1: Stresses greater than those listed under Maximum Ratings may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect reliability.
ti
n
U
e
u
l
a
V
r
e
t
e
m
a
r
a
P
V
5
4
o
t
3
.
0
-
n
i
V
e
g
a
tl
o
V
y
l
p
p
u
S
V
3
.
0
+
n
i
V
o
t
3
.
0
-
e
g
a
tl
o
v
n
i
p
B
F
V
k
c
a
b
d
e
e
F
V
3
.
0
+
n
i
V
o
t
3
.
0
-
e
g
a
tl
o
v
n
i
P
F
F
O
/
N
O
V
3
.
0
+
n
i
V
o
t
3
.
0
-
e
g
a
tl
o
v
n
i
p
t
u
p
t
u
O
Output Voltage to Ground (Steady State)
-1
V
W
d
e
ti
m
il
y
ll
a
n
r
e
t
n
I
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
Operating Temperature Range
-40 to +125
º
C
Storage Temperatur
0
5
1
+
o
t
5
6
-
e
º
C
Lead Temperature (Soldering, 10 sec)
260
º
C
V
0
0
0
2
)
M
H
(
D
S
E
Thermal Resistance-Junction to Ambient(RθJA)
85
ºC / W
Thermal Resistance-Junction to Case(RθJC)
45
ºC / W
Electrical Characteristics (All Output Voltage Versions)
Unless otherwise specified, Vin = 12V for 3.3V, 5V, adjustable version. Iload = 0.5A, Ta = 25℃.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Ib
Feedback bias current
Adjustable only, VFB=1.3V
10
50/
100
nA
IQ
Quiescent current
VFB=12V force driver off
5
10
mA
ISTBY
Standby quiescent current
ON/OFF=5V, VIN=36V
80
200/
250 uA
FOSC
z
H
K
8
5
2
5
7
4
y
c
n
e
u
q
e
rf
r
o
t
a
lli
c
s
O
VSAT
Saturation voltage
IOUT=3A
1.2
1.4/
1.5
V
ICL
Current Limit
Peak Current (VFB=0V)
4.5
5.5/
6.5
A
Output leakage current
Output=0V (VFB=12V)
50
uA
IL
IL
Output leakage current
Output=-1V (VIN=36V)
2
30
mA
VIL
ON/OFF pin logic input
Low (Regulator ON)
1.3
0.6
V
2008. 02. 18
4/16
Revision No : 1
FAC2576



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com