Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC2576 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FAC2576
Description  3A 52KHZ PWM Buck DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC2576 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FAC2576 Datasheet HTML 1Page - First Silicon Co., Ltd FAC2576 Datasheet HTML 2Page - First Silicon Co., Ltd FAC2576 Datasheet HTML 3Page - First Silicon Co., Ltd FAC2576 Datasheet HTML 4Page - First Silicon Co., Ltd FAC2576 Datasheet HTML 5Page - First Silicon Co., Ltd FAC2576 Datasheet HTML 6Page - First Silicon Co., Ltd FAC2576 Datasheet HTML 7Page - First Silicon Co., Ltd FAC2576 Datasheet HTML 8Page - First Silicon Co., Ltd FAC2576 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The FAC2576 is a series of easy to use fixed and
adjustable step-down (buck) switch-mode voltage
regulators. These devices are available in fixed
output voltage of
3.3V, 5V, and an adjustable
output version. Both versions are capable of
driving a 3A load with excellent line and load
regulation.
Requiring
a
minimum
number
of
external
components, these regulators are simple to use
and include internal frequency compensation, and
a fixed-frequency oscillator.
The
output
voltage
is
guaranteed
to
±3%
tolerance under specified input voltage and
output load conditions. The oscillator frequency is
guaranteed to ±15%. External shutdown is
included, featuring typically 80 µA standby current.
Self protection features include a two stage
frequency reducing current limit for the output
switch and an over temperature shutdown for
complete protection under fault conditions.
The
FAC2576
is
available
in
TO-220B-5L
TO220-5L and TO-263-5L packages.
Features
• 3,3V,5V and adjustable output versions
• Output adjustable from 1.23v to 43V
• Fixed 52KHz frequency internal oscillator
• Guaranteed 3A output load current
• Input voltage range up to 45V
• Low power standby mode, I
Q typically 80 µA
• TTL shutdown capability
• Excellent line and load regulation
• Requires only 4 external components
• High efficiency
• Thermal shutdown and current limit protection
•
Available in TO-220B/TO220 and TO-263
packages
Applications
• Simple High-efficiency step-down regulator
• On-card switching regulators
• Positive to negative converter
• LCD monitor and LCD TV
• DVD recorder and PDP TV
• Battery charger
• Step-down to 3.3V for microprocessors
Package Types
TO220B-5L
TO263-5L
Figure 1. Package Types of FAC2576
TO220-5L
2008. 02. 18
1/16
Revision No : 1
SEMICONDUCTOR
TECHNICAL DATA
FAC2576


Similar Part No. - FAC2576

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FAC2596 FS-FAC2596 Datasheet
789Kb / 16P
3A 150KHZ PWM Buck DC/DC Converter
FAC2596DD3.3R FS-FAC2596DD3.3R Datasheet
789Kb / 16P
3A 150KHZ PWM Buck DC/DC Converter
FAC2596DD5.0R FS-FAC2596DD5.0R Datasheet
789Kb / 16P
3A 150KHZ PWM Buck DC/DC Converter
FAC2596DDADR FS-FAC2596DDADR Datasheet
789Kb / 16P
3A 150KHZ PWM Buck DC/DC Converter
FAC2596P3.3R FS-FAC2596P3.3R Datasheet
789Kb / 16P
3A 150KHZ PWM Buck DC/DC Converter
More results

Similar Description - FAC2576

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
logo
List of Unclassifed Man...
XL2576 ETC2-XL2576 Datasheet
381Kb / 14P
3A 52KHz 40V Buck DC to DC Converter
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
3A PWM BUCK DC/DC CONVERTER
Rev 8
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
3A PWM BUCK DC/DC CONVERTER
Rev 4
logo
TECHCODE SEMICONDUCTOR,...
TD2576 TECHCODE-TD2576 Datasheet
1Mb / 18P
3A 52KHz PWM Buck DC/DC Converter
TD2676 TECHCODE-TD2676 Datasheet
589Kb / 15P
2.5A 52KHz 32V PWM Buck DC/DC Converter
TD3111 TECHCODE-TD3111 Datasheet
363Kb / 13P
2.2A 52KHZ 32V PWM Buck DC/DC Converter
logo
XLSEMI
XL2576 XLSEMI-XL2576 Datasheet
381Kb / 14P
3A 52KHz 40V Buck DC to DC Converter
logo
Bookly Micro electronic
BM1507 BOOKLY-BM1507 Datasheet
652Kb / 12P
3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com