Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD62084AP Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FD62084AP
Description  8 HIGH-VOLTAGE HIGH-CURRENT DARLINGTON
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FD62084AP Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FD62084AP Datasheet HTML 1Page - First Silicon Co., Ltd FD62084AP Datasheet HTML 2Page - First Silicon Co., Ltd FD62084AP Datasheet HTML 3Page - First Silicon Co., Ltd FD62084AP Datasheet HTML 4Page - First Silicon Co., Ltd FD62084AP Datasheet HTML 5Page - First Silicon Co., Ltd FD62084AP Datasheet HTML 6Page - First Silicon Co., Ltd FD62084AP Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RECOMMENDED OPERATING CONDITIONS (Ta=-40 ~ 85℃)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Output Sustaining Voltage
VCE(SUS)
0
-
50
V
Output Current
AP
IOUT
TPW=25ms, Duty=10%, 8 Circuits
0
-
347
mA/ch
TPW=25ms, Duty=50%, 8 Circuits
0
-
123
AF
TPW=25ms, Duty=10%, 8 Circuits
0
-
268
TPW=25ms, Duty=50%, 8 Circuits
0
-
90
Input Voltage
VIN
0
-
30
V
Input Voltage
(Output ON)
VIN(ON)
V
FD62083
3.5
-
30
FD62084
8
-
30
Clamp Diode Reverse Voltage
VR
-
-
50
V
Clamp Diode Forward Current
IF
-
-
400
mA
Power Dissipation
AP
PD
-
-
0.52
W
AF
-
-
0.35
2007. 5. 20
3/7
FD62083AP/AF FD62084AP/AF
Revision No : 1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com