Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD62084AP Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FD62084AP
Description  8 HIGH-VOLTAGE HIGH-CURRENT DARLINGTON
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FD62084AP Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FD62084AP Datasheet HTML 1Page - First Silicon Co., Ltd FD62084AP Datasheet HTML 2Page - First Silicon Co., Ltd FD62084AP Datasheet HTML 3Page - First Silicon Co., Ltd FD62084AP Datasheet HTML 4Page - First Silicon Co., Ltd FD62084AP Datasheet HTML 5Page - First Silicon Co., Ltd FD62084AP Datasheet HTML 6Page - First Silicon Co., Ltd FD62084AP Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
8 HIGH-VOLTAGE HIGH-CURRENT DARLINGTON
TRANSISTOR ARRAYS
The FD6208* series are high-voltage, high-current darlington
drivers comprised of eight NPN darlington pairs.
All units feature integral clamp diodes for switching inductive loads.
Applications include relay, hammer, lamp and display(LED) drivers.
FEATURES
Output Current (Single Output) : 500mA Max.
High Sustaining Voltage Outputs : 50V Min.
Output Clamp Diodes
Inputs Compatible With Various Types of Logic.
PKG Type, AP : DIP-18Pin.
PKG Type, AF : SOP-20Pin
18
10
1
9
Q
DIP-18
A
d
P
D
W
T
DIM MILLIMETERS
A
B
D
T
P
d
G
C
L
3 50 0 2
0 - 15
1 40 0 1
W
25 1MAX
6 40 0 2
0 50 0 1
4 15 0 3
3 30 0 3
2 54
0 25+0 1/-0 05
7 62
Q
+
_
+
_
+
_
+
_
+
_
+
_
SOP-20
D
P
L
A
1
10
20
11
0 27+0 1/-0 05
P
T
1 27
MILLIMETERS
0 4 0 1
0 20+0 1/-0 05
12 83 0 2
B2
G
H
L
D
A
B1
DIM
10 34 0 3
2 51 0 2
0 65 0 2
7 49 0 2
+
_
+
_
+
_
+
_
+
_
+
_
MAXIMUM RATINGS (Ta=25℃, unless otherwise noted)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Output Sustaining Voltage
VCE(SUS)
-0.5 ~ 50
V
Output Current
IOUT
500
mA/ch
Input Voltage
VIN
-0.5 ~ +30
V
Clamp Diode
Reverse Voltage
VR
50
V
Forward Current
IF
500
mA
Power Dissipation
AP
PD
1.47
W
AF
0.96
W
Operating Temperature
Topr
-40 ~ 85
Storage Temperature
Tstg
-55 ~ 150
TYPE
INPUT BASE RESISTOR
DESIGNATION
FD62083
2.7kΩ
TTL, 5V C-MOS
FD62084
10.5kΩ
6 ~ 15V P-MOS, C-MOS
2007. 5. 20
1/7
SEMICONDUCTOR
TECHNICAL DATA
FD62083AP/AF
FD62084AP/AF
Revision No : 1


Similar Part No. - FD62084AP

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FD62003AF FS-FD62003AF Datasheet
259Kb / 6P
7 CIRCUIT DARLINGTON TRANSISTOR ARRAY
FD62003AP FS-FD62003AP Datasheet
259Kb / 6P
7 CIRCUIT DARLINGTON TRANSISTOR ARRAY
FD62003BF FS-FD62003BF Datasheet
170Kb / 6P
7 CIRCUIT DARLINGTON TRANSISTOR ARRAY
FD62003BP FS-FD62003BP Datasheet
170Kb / 6P
7 CIRCUIT DARLINGTON TRANSISTOR ARRAY
More results

Similar Description - FD62084AP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1730 SANYO-LB1730 Datasheet
60Kb / 2P
High-Voltage, High-Current Darlington Driver
logo
Allegro MicroSystems
2003 ALLEGRO-2003 Datasheet
176Kb / 10P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
ULS-2801H ALLEGRO-ULS-2801H Datasheet
1Mb / 12P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
List of Unclassifed Man...
ULN2001A ETC1-ULN2001A Datasheet
749Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
UNL2803 ETC2-UNL2803 Datasheet
219Kb / 5P
High-Voltage, High-Current Darlington Arrays
logo
First Components Intern...
ULN2803 FCI-ULN2803 Datasheet
235Kb / 5P
High-Voltage,High-Current Darlington Arrays
logo
Leshan Radio Company
LR2001A LRC-LR2001A Datasheet
291Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
LR2004A LRC-LR2004A Datasheet
284Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Unisonic Technologies
ULN2012 UTC-ULN2012 Datasheet
186Kb / 6P
HIGH VOLTAGE HIGH CURRENT DARLINGTON ARRAY
logo
First Silicon Co., Ltd
ULN2803AP FS-ULN2803AP Datasheet
228Kb / 7P
8 HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com