Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2979472 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2979472
Description  Active module - UMK-32 RM/MR-G24/1/PLC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2979472 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2979472 Datasheet HTML 1Page - PHOENIX CONTACT 2979472 Datasheet HTML 2Page - PHOENIX CONTACT 2979472 Datasheet HTML 3Page - PHOENIX CONTACT 2979472 Datasheet HTML 4Page - PHOENIX CONTACT 2979472 Datasheet HTML 5Page - PHOENIX CONTACT 2979472 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2979472
03/19/2019   Page 1 / 6
Active module - UMK-32 RM/MR-G24/1/PLC - 2979472
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
VARIOFACE output module, with 32 miniature relays, 1 N/O contact each, plugged, for 24 V DC (incl. relay)
Your advantages
 Narrow design width of just 55 mm (8 channels) or 202 mm (32 channels)
 Universal applications from 1 mA to 3 A continuous current thanks to 2-layer double contact with hard gold plating
 LED status indicator per signal path and supply voltage
 Freewheeling and polarity protection diode for each signal path
 Plug-in miniature relays each with an N/O contact
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4017918130367
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
202 mm
Height
90 mm
Depth
58 mm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 50 °C
Ambient temperature (storage/transport)
-20 °C ... 70 °C
Input data


Similar Part No. - 2979472

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2979469 PHOENIX-2979469 Datasheet
83Kb / 6P
Active module - UMK- 8 RM/MR-G24/ 1/PLC
2979485 PHOENIX-2979485 Datasheet
140Kb / 4P
UMK- 8 RM/KSR-G 24/21/PLC
More results

Similar Description - 2979472

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2962900 PHOENIX-2962900 Datasheet
121Kb / 5P
UM 45- 8RM/MR-G24/1/PLC
2962913 PHOENIX-2962913 Datasheet
120Kb / 5P
UM 45-16RM/MR-G24/1/PLC
2962926 PHOENIX-2962926 Datasheet
119Kb / 4P
UM 45-16RM/MR-G24/1/E/PLC
2968386 PHOENIX-2968386 Datasheet
125Kb / 4P
UM- 8 RM/RT-G24/21/PLC
2974891 PHOENIX-2974891 Datasheet
76Kb / 5P
Active module - UMK-16 RELS/KSR-G24/21/E/PLC
2974914 PHOENIX-2974914 Datasheet
146Kb / 4P
UMK- 8 RELS/KSR-G24/21/PLC
2979469 PHOENIX-2979469 Datasheet
83Kb / 6P
Active module - UMK- 8 RM/MR-G24/ 1/PLC
2311030 PHOENIX-2311030 Datasheet
39Kb / 1P
Active module - UM- 8 RM-S-G24/21/PLC-MSTB
2969055 PHOENIX-2969055 Datasheet
83Kb / 4P
Active module - UMK-32 RM/MR-G24/1/YCS
2976116 PHOENIX-2976116 Datasheet
67Kb / 4P
Active module - UMK- 8 RELS/KSR-G24/1/NPE/PLC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com