Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2979472 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2979472
Description  Active module - UMK-32 RM/MR-G24/1/PLC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2979472 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2979472 Datasheet HTML 1Page - PHOENIX CONTACT 2979472 Datasheet HTML 2Page - PHOENIX CONTACT 2979472 Datasheet HTML 3Page - PHOENIX CONTACT 2979472 Datasheet HTML 4Page - PHOENIX CONTACT 2979472 Datasheet HTML 5Page - PHOENIX CONTACT 2979472 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2979472
03/19/2019   Page 2 / 6
Active module - UMK-32 RM/MR-G24/1/PLC - 2979472
Technical data
Input data
Nominal input voltage UN
24 V DC
Input voltage range in reference to UN
0.8 ... 1.1
Typical input current at UN
6.5 mA
Typical response time
5 ms
Typical release time
15 ms
Type of protection
Free-wheeling diode
Protective circuit/component
Damping diode
Type of protection
Reverse polarity protection
Protective circuit/component
Polarity protection diode
Operating voltage display
Green LED
Status display/channel
Yellow LED
Output data
Contact type
1 N/O contact
Contact material
AgNi, 5 µm hard gold-plated
Maximum switching voltage
250 V AC
125 V DC
Minimum switching voltage
5 V
Limiting continuous current
3 A
Maximum inrush current
5 A
Min. switching current
1 mA
Interrupting rating (ohmic load) max.
72 W (24 V DC)
60 W (48 V DC)
50 W (60 V DC)
50 W (110 V DC)
750 VA (250 V AC)
Error detection (line break / short-circuit)
no
General
No. of channels
32
Compatible components
Miniature relay, REL-MR-G 24/1
With components
yes
Mechanical service life
2x 107 cycles
Operating mode
100% operating factor
Degree of protection
IP00
Mounting position
any
Assembly instructions
In rows with zero spacing
Color
green
Connection data for connection 1
Connection name
Controller level
Connection method
IDC/FLK pin strip



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com