Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OB2269AP Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # OB2269AP
Description  Current Mode PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

OB2269AP Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  OB2269AP Datasheet HTML 1Page - Lite-On Technology Corporation OB2269AP Datasheet HTML 2Page - Lite-On Technology Corporation OB2269AP Datasheet HTML 3Page - Lite-On Technology Corporation OB2269AP Datasheet HTML 4Page - Lite-On Technology Corporation OB2269AP Datasheet HTML 5Page - Lite-On Technology Corporation OB2269AP Datasheet HTML 6Page - Lite-On Technology Corporation OB2269AP Datasheet HTML 7Page - Lite-On Technology Corporation OB2269AP Datasheet HTML 8Page - Lite-On Technology Corporation OB2269AP Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©On-Bright Electronics
Confidential
A Liteon Semiconductor Company
- 1 -
V2.1
OB2268
OB2269
Current Mode PWM Controller
GENERAL DESCRIPTION
OB2268/9 is a highly integrated current mode PWM
control IC optimized for high performance, low
standby power and cost effective offline flyback
converter applications in above 20W power level.
PWM switching frequency at normal operation is
externally programmable and trimmed to tight range.
At no load or light load condition, the IC operates in
extended ‘burst mode’ to minimize switching loss.
Lower
standby
power
and
higher
conversion
efficiency is thus achieved.
VDD low startup current and low operating current
contribute to a reliable power on startup design with
OB2268/9. A large value resistor could thus be used
in the startup circuit to minimize the standby power.
The internal slope compensation improves system
large signal stability and reduces the possible sub-
harmonic oscillation at high PWM duty cycle output.
Leading-edge
blanking
on
current
sense
input
removes the signal glitch due to snubber circuit diode
reverse recovery.
and greatly reduces the external
component count and system cost in the design.
OB2268/9 offers complete protection coverage with
automatic self-recovery feature including Cycle-by-
Cycle current limiting (OCP), over load protection
(OLP), over temperature protection (OTP), VDD
over voltage protection (OVP) and under voltage
lockout (UVLO). The Gate-drive output is clamped
to maximum 18V to protect the power MOSFET.
Excellent EMI performance is achieved with On-
Bright proprietary frequency shuffling technique
(OB2269 only) together with soft switching control at
the totem pole gate drive output.
The tone energy at below 20KHZ is minimized in
operation. Consequently, audio noise performance is
greatly improved.
OB2268/9 is offered in SOP-8 and DIP-8 packages.
FEATURES
■
Extended Burst Mode Control For Improved
Efficiency and Minimum Standby Power Design
■
Audio Noise Free Operation
■
External
Programmable
PWM
Switching
Frequency
■
Internal Synchronized Slope Compensation
■
Low VIN/VDD Startup Current(4uA) and Low
Operating Current (2.3mA)
■
Leading Edge Blanking on Current Sense Input
■
Complete Protection Coverage With Auto Self-
Recovery
o
External
Programmable
Over
Temperature
Protection (OTP)
o
With or Without On-chip VDD OVP for
Output Over Voltage Protection.
o
Under
Voltage
Lockout
with
Hysteresis
(UVLO)
o
Gate Output Maximum Voltage Clamp (18V)
o
Line
Compensated
Cycle-by-Cycle
Over-
current Threshold Setting For Constant Output
Current Limiting Over Universal Input Voltage
Range (OCP)
o
Over Load Protection. (OLP)
■
On-Bright
Proprietary
Frequency
Shuffling
Technology for Improved EMI Performance
(OB2269 only)
APPLICATIONS
Offline AC/DC flyback converter for
■
Laptop Power Adaptor
■
PC/TV/Set-Top Box Power Supplies
■
Open-frame SMPS
■
Battery Charger
TYPICAL APPLICATION


Similar Part No. - OB2269AP

ManufacturerPart #DatasheetDescription
logo
SYC Electronica
OB2269 SYC-OB2269 Datasheet
286Kb / 12P
PWM CONTROLL CURRENT MODE SMD
More results

Similar Description - OB2269AP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
Current-mode PWM controller
August 31, 1994
logo
Texas Instruments
UC1843 TI-UC1843 Datasheet
937Kb / 3P
Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
CURRENT MODE PWM CONTROLLER
logo
Linear Dimensions Semic...
LND3842 LINEAR_DIMENSIONS-LND3842 Datasheet
158Kb / 10P
Current Mode PWM Controller
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3844Y TI1-UC3844Y Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3845D-8 TI-UC3845D-8 Datasheet
693Kb / 28P
CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com