Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1306 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # SSD1306
Description  128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1306 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button SSD1306 Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 38Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 39Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 40Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 41Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 42Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 43Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 65 page
background image
Solomon Systech
Apr 2008 P 40/59
Rev 1.1
SSD1306
10.1.16 Set Display Clock Divide Ratio/ Oscillator Frequency (D5h)
This command consists of two functions:
• Display Clock Divide Ratio (D)(A[3:0])
Set the divide ratio to generate DCLK (Display Clock) from CLK. The divide ratio is from 1 to 16,
with reset value = 1. Please refer to section 8.3 for the details relationship of DCLK and CLK.
• Oscillator Frequency (A[7:4])
Program the oscillator frequency Fosc that is the source of CLK if CLS pin is pulled high. The 4-bit
value results in 16 different frequency settings available as shown below. The default setting is
1000b.
10.1.17 Set Pre-charge Period (D9h)
This command is used to set the duration of the pre-charge period. The interval is counted in number of
DCLK, where RESET equals 2 DCLKs.
10.1.18 Set COM Pins Hardware Configuration (DAh)
This command sets the COM signals pin configuration to match the OLED panel hardware layout. The table
below shows the COM pin configuration under different conditions (for MUX ratio =64):
Table 10-3 : COM Pins Hardware Configuration
Conditions
COM pins Configurations
1 Sequential COM pin configuration (DAh A[4] =0)
COM output Scan direction: from COM0 to COM63 (C0h)
Disable COM Left/Right remap (DAh A[5] =0)
2 Sequential COM pin configuration (DAh A[4] =0)
COM output Scan direction: from COM0 to COM63 (C0h)
Enable COM Left/Right remap (DAh A[5] =1)
128 x 64
ROW32
ROW63
ROW0
ROW31
Pad 1,2,3,…->126
Gold Bumps face up
SSD1306Z
COM0
COM63
COM32
128x 64
ROW0
ROW31
ROW32
ROW63
Pad 1,2,3,…->126
Gold Bumps face up
SSD1306Z
COM0
COM31
COM32
COM63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com