Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1306 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # SSD1306
Description  128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1306 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button SSD1306 Datasheet HTML 43Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 44Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 45Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 46Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 47Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 48Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 49Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 50Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 65 page
background image
SSD1306
Rev 1.1
P 47/59
Apr 2008
Solomon Systech
11 MAXIMUM RATINGS
Table 11-1 : Maximum Ratings (Voltage Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
-0.3 to +4
V
VCC
Supply Voltage
0 to 16
V
VSEG
SEG output voltage
0 to VCC
V
VCOM
COM output voltage
0 to 0.9*VCC
V
Vin
Input voltage
VSS-0.3 to VDD+0.3
V
TA
Operating Temperature
-40 to +85
ºC
Tstg
Storage Temperature Range
-65 to +150
ºC
Maximum ratings are those values beyond which damages to the device may occur. Functional operation should be restricted to the
limits in the Electrical Characteristics tables or Pin Description section
This device may be light sensitive. Caution should be taken to avoid exposure of this device to any light source during normal
operation. This device is not radiation protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com