Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF20I2C Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST33TPHF20I2C
Description  Trusted Platform Module
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF20I2C Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST33TPHF20I2C Datasheet HTML 19Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 20Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 21Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 22Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 23Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 24Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 25Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 26Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
FIPS140-2 SECURITY POLICY
Page 23 of 47
NON-PROPRIETARY DOCUMENT
3
ACCESS CONTROL POLICY
This chapter gives details about the services, keys and CSPs that the TPM manages.
3.1
List of Keys and CSPs
Table 17: Keys and CSPs list
Keys/CSPs
Description
Zeroized
Index
Name
Hierarchies
1
nullSeed
32 bytes primary seed values resp. for NULL, platform, endorsement and
storage hierarchies.
NullSeed is a random value generated by HDRBG at each TPM power-up.
PpSeed / epSeed / spSeed are random values generated by HDRBG at first
TPM power-up.
They are used as keys for:
KDFa to derive seedValue and sensitive during object creation (cf.
[TPM2.0 Part1 r1.16] §27.6.4)
KDFa to generate a symmetric encryption key used in TPM2B_PRIVATE
structure en/decryption.
KDFa to generate HMAC key used in TPM2B_PRIVATE integrity
protection generation or verification
They are used as seeds for:
DRBG to generate random as input to prime numbers (RSA) and private
key generation (ECC)
TPM reset
2
ppSeed
TPM2_Change
PPS
3
epSeed
TPM2_Change
EPS
4
spSeed
TPM2_Clear
5
nullProof
32 bytes secret values resp. for NULL, platform, endorsement and storage
hierarchies.
NullProof is a random value generated by HDRBG at each TPM power-up.
PhProof / ehProof / shProof are random values generated by HDRBG at first
TPM power-up.
They are used as keys for:
KDFa to generate context encryption key and IV (cf. [TPM2.0 Part1 r1.16]
§30.3.1)
HMAC to compute context blob integrity (cf. [TPM2.0 Part1 r1.16] §30.3.2)
HMAC to compute/verify tickets
shProof is used also as key for:
KDFa to generate obfuscation value used in attestation commands (cf.
[TPM2.0 Part1 r1.16] §36.7)
TPM reset
6
phProof
TPM2_Change
PPS
7
ehProof
TPM2_Clear
8
shProof
TPM2_Clear
9
platformAuth
32 bytes authorization data (authValue) used in authorization session based
resp. on platform, endorsement, and storage or lockout hierarchy authorization.
PlatformAuth is set to 0 at each TPM2_Startup (CLEAR).
EndorsementAuth / ownerAuth / lockoutAuth are set to 0 at first TPM power-up.
Primary auth values can be changed with command
TPM2_HierarchyChangeAuth.
They are used as keys for:
HMAC authorization in case of unsalted and unbound session
KDFa to generate session key used in HMAC authorization in case of
bound session
They are used as part of keys for:
HMAC authorization in case of salted or bound session (key is
concatenation of sessionKey and authValue)
KDFa to generate session key used in HMAC authorization in case of
salted and bound session (key is concatenation of authValue and salt)
TPM2_Startup
10
endorsementAuth
TPM2_Clear /
TPM2_Change
EPS
11
ownerAuth
TPM2_Clear
12
lockoutAuth
TPM2_Clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com