Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF20I2C Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST33TPHF20I2C
Description  Trusted Platform Module
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF20I2C Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST33TPHF20I2C Datasheet HTML 20Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 21Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 22Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 23Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 24Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 25Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 26Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 27Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
FIPS140-2 SECURITY POLICY
Page 24 of 47
NON-PROPRIETARY DOCUMENT
They are used as reference values for comparison in case of password
authorization session.
13
platformPolicy
32 bytes authorization data (authPolicy) used in authorization session based
resp. on platform, endorsement, storage or lockout hierarchy policy.
platformPolicy is set to 0 at each TPM2_Startup (CLEAR).
endorsementPolicy / ownerPolicy / lockoutPolicy are set to 0 at first TPM power-
up.
Primary policies can be changed with command TPM2_SetPrimaryPolicy.
They are used as reference values for a comparison in case of policy session.
TPM2_Change
PPS
14
endorsementPolicy
TPM2_Clear /
TPM2_Change
EPS
15
ownerPolicy
TPM2_Clear
16
lockoutPolicy
TPM2_Clear
Objects
17
authValue
0 to 32 bytes authorization data defined during object creation
(TPM2_Create/TPM2_CreatePrimary) used to authorize commands based on
this object.
Value can be changed with command TPM2_ObjectChangeAuth.
It is used as:
HMAC and/or KDFa keys or part of keys in authorization session based on
HMAC or password (usage is the same than for CSPs 9/10/11/12)
Secret value extended into policyDigest on TPM2_PolicySecret command
TPM2_Clear
(owner &
endorsement)
TPM2_Change
PPS (platform)
TPM2_Change
EPS
(endorsement)
18
authPolicy
0 to 32 bytes authorization data defined during object creation
(TPM2_Create/TPM2_CreatePrimary) used to authorize commands based on
this object.
It is used as reference value for a comparison in case of policy session
TPM2_Clear
(owner &
endorsement)
TPM2_Change
PPS (platform)
TPM2_Change
EPS
(endorsement)
19
seed
32 random bytes generated by HDRBG if object parent is not a hierarchy (if
hierarchy, primary seed is used, cf. CSPs 1/2/3/4).
It is used as key for:
KDFa to generate seedValue and sensitive during object creation (cf.
[TPM2.0 Part1 r1.16] §27.6.4)
Transient value
only available
during object
creation
20
seedValue
32 bytes generated from seed (CSP 19) or one of the primary seeds (CSP
1/2/3/4) through use of KDFa. Set to 0 for asymmetric keys that are not used as
storage key.
It is used (when not set to 0) as:
D
ata in SHA computation to generate object’s unique value (HMAC and
symmetric key creation)
Key in KDFa to generate a symmetric encryption key used in
TPM2B_PRIVATE structure en/decryption.
Key in KDFa to generate HMAC key used in TPM2B_PRIVATE integrity
protection generation or verification
TPM2_Clear
(owner &
endorsement)
TPM2_Change
PPS (platform)
TPM2_Change
EPS
(endorsement)
21
symKey
16 bytes generated from derivation of seedValue through KDFa usage.
It is used as key for:
Symmetric en/decryption of TPM2B_PRIVATE structure
Transient value
only available
during
command
processing
22
hmacKey
32 bytes generated from derivation of seedValue through KDFa usage.
It is used as key for:
Transient value
only available
during
command
processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com