Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC2016C Datasheet(PDF) 4 Page - Espros Photonics corp

Part # EPC2016C
Description  Enhancement Mode Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC2016C Datasheet(HTML) 4 Page - Espros Photonics corp

  EPC2016C Datasheet HTML 1Page - Espros Photonics corp EPC2016C Datasheet HTML 2Page - Espros Photonics corp EPC2016C Datasheet HTML 3Page - Espros Photonics corp EPC2016C Datasheet HTML 4Page - Espros Photonics corp EPC2016C Datasheet HTML 5Page - Espros Photonics corp EPC2016C Datasheet HTML 6Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
eGaN® FET DATASHEET
EPC2016C
EPC – THE LEADER IN GaN TECHNOLOGY | WWW.EPC-CO.COM | COPYRIGHT 2019 |
| 4
Figure 11: Transient Thermal Response Curves
0.001
0.01
0.1
1
10-5
10-4
10-3
10-2
10-1
1
10
tp - Rectangular Pulse Duration [s]
Duty Factors:
0.5
0.1
0.05
0.02
0.01
Single Pulse
0.2
Notes:
Duty Factor = tp/T
Peak TJ = PDM x ZθJB x RθJB + TB
tp
P
T
DM
Junction-to-Board
0.0001
0.01
0.001
0.1
1
tp - Rectangular Pulse Duration [s]
0.001
Junction-to-Case
Duty Factors:
0.5
0.1
0.05
0.02
0.01
Single Pulse
0.2
Notes:
Duty Factor = tp/T
Peak TJ = PDM x ZθJC x RθJC + TC
tp
P
T
DM
10-5
10-4
10-3
10-2
10-1
1
10
VGS – Gate-to-Source Voltage (V)
12
10
8
6
4
2
0
0
1
2
3
4
5
6
25˚C
125˚C
Figure 10: Gate Current



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com