Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC2016C Datasheet(PDF) 5 Page - Espros Photonics corp

Part # EPC2016C
Description  Enhancement Mode Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC2016C Datasheet(HTML) 5 Page - Espros Photonics corp

  EPC2016C Datasheet HTML 1Page - Espros Photonics corp EPC2016C Datasheet HTML 2Page - Espros Photonics corp EPC2016C Datasheet HTML 3Page - Espros Photonics corp EPC2016C Datasheet HTML 4Page - Espros Photonics corp EPC2016C Datasheet HTML 5Page - Espros Photonics corp EPC2016C Datasheet HTML 6Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
eGaN® FET DATASHEET
EPC2016C
EPC – THE LEADER IN GaN TECHNOLOGY | WWW.EPC-CO.COM | COPYRIGHT 2019 |
| 5
DIE MARKINGS
Figure 12: Safe Operating Area
0.1
1
10
100
0.1
1
10
100
VDS - Drain-Source Voltage (V)
TJ = Max Rated, TC = +25°C, Single Pulse
Pulse Width
100 ms
10 ms
1 ms
100 s
limited by RDS(on)
TAPE AND REEL CONFIGURATION
4 mm pitch, 8 mm wide tape on 7” reel
7” reel
a
d
e
f
g
c
b
EPC2016C (note 1)
Dimension (mm) target min max
a
8.00 7.90 8.30
b
1.75 1.65 1.85
c (see note)
3.50 3.45 3.55
d
4.00 3.90 4.10
e
4.00 3.90 4.10
f (see note)
2.00 1.95 2.05
g
1.5
1.5
1.6
Note 1: MSL 1 (moisture sensitivity level 1) classied according to IPC/JEDEC industry standard.
Note 2: Pocket position is relative to the sprocket hole measured as true position of the pocket,
not the pocket hole.
Die
orientation
dot
Gate
solder bar is
under this
corner
Die is placed into pocket
solder bar side down
(face side down)
Loaded Tape Feed Direction
2016
YYYY
ZZZZ
Part
Number
Laser Markings
Part #
Marking Line 1
Lot_Date Code
Marking line 2
Lot_Date Code
Marking Line 3
EPC2016C
2016
YYYY
ZZZZ
Die orientation dot
Gate Pad bump is
under this corner



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com