Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLLY8C7 Datasheet(PDF) 2 Page - TT Electronics.

Part # OVLLY8C7
Description  Cylindrical High-Intensity LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVLLY8C7 Datasheet(HTML) 2 Page - TT Electronics.

  OVLLY8C7 Datasheet HTML 1Page - TT Electronics. OVLLY8C7 Datasheet HTML 2Page - TT Electronics. OVLLY8C7 Datasheet HTML 3Page - TT Electronics. OVLLY8C7 Datasheet HTML 4Page - TT Electronics. OVLLY8C7 Datasheet HTML 5Page - TT Electronics. OVLLY8C7 Datasheet HTML 6Page - TT Electronics. OVLLY8C7 Datasheet HTML 7Page - TT Electronics. OVLLY8C7 Datasheet HTML 8Page - TT Electronics. OVLLY8C7 Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Issue C
06/2012
Page 2 of 9
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
SYMBOL
PARAMETER
COLOR
MIN
TYP
MAX
UNITS
CONDITIONS
Iv
Luminous Intensity
Blue
295
440
----
mcd
IF = 20 mA
Green
1135
2400
----
Red
580
900
----
Yellow
580
980
----
VF
Forward Voltage
Blue, Green
----
3.2
4.0
V
IF = 20 mA
Red, Yellow
----
2.0
2.4
IR
Reverse Current
Blue, Green
----
----
µA
VR = 5 V
Red, Yellow
λ
D
Dominant Wavelength
Blue
460
470
475
nm
IF = 20 mA
Green
519
525
531
Red
620
623
630
Yellow
585
589
595
2Θ½H-H
50% Power Angle
Blue, Green
----
85
----
deg
IF = 20 mA
Red, Yellow
----
100
----
10
Electrical Characteristics
TA = 25
o C unless otherwise noted
Absolute Maximum Ratings
TA = 25
o C unless otherwise noted
Storage Temperature Range
-40 ~ +100°C
Operating Temperature Range
-40 ~ +100°C
Reverse Voltage
5 V
Continuous Forward Current
Blue, Green
25 mA
Red, Yellow
50 mA
100 mA
Power Dissipation
Blue, Green
100 mW
Red, Yellow
120 mW
Lead Soldering Temperature (4 mm from the base of the epoxy bulb)
1
260°C / 5 seconds
LED Junction Temperature
125°C
Electrostatic Discharge Classification (JEDEC-JESD22-A114F)
Class 1C
Current Linearity vs. Ambient Temperature
Blue, Green
-0.29 mA/°C
Red, Yellow
-0.72 mA/°C
Peak Forward Current (10% Duty Cycle, 1 KHz)
Cylindrical High-Intensity LED
OVLLx8C7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com