Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLLY8C7 Datasheet(PDF) 3 Page - TT Electronics.

Part # OVLLY8C7
Description  Cylindrical High-Intensity LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVLLY8C7 Datasheet(HTML) 3 Page - TT Electronics.

  OVLLY8C7 Datasheet HTML 1Page - TT Electronics. OVLLY8C7 Datasheet HTML 2Page - TT Electronics. OVLLY8C7 Datasheet HTML 3Page - TT Electronics. OVLLY8C7 Datasheet HTML 4Page - TT Electronics. OVLLY8C7 Datasheet HTML 5Page - TT Electronics. OVLLY8C7 Datasheet HTML 6Page - TT Electronics. OVLLY8C7 Datasheet HTML 7Page - TT Electronics. OVLLY8C7 Datasheet HTML 8Page - TT Electronics. OVLLY8C7 Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Issue C
06/2012
Page 3 of 9
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Cylindrical High-Intensity LED
OVLLx8C7
Standard Bins
LEDs are sorted to luminous intensity (IV), forward voltage (VF) and dominant wavelength (nm) bins listed below.
Each bag consists of a single intensity bin, single voltage bin and a single color bin. Orders are filled using all
intensity and color bins listed in the following tables. Optek will not accept orders for single intensity bins, single
voltage bins or single color bins.
Luminous Intensity (IV ) @ 20mA
BLUE: OVLLB8C7 &
GREEN: OVLLG8C7
VF Code
Min
Max
A
2.6
2.8
B
2.8
3.0
C
3.0
3.2
D
3.2
3.4
E
3.4
3.6
F
3.6
3.8
G
3.8
4.0
Forward Voltage (VF )
Dominant Wavelength (nm)
BLUE: OVLLB8C7
IV Code
Min (mcd)
Max (mcd)
0N
295
415
0P
415
580
0Q
580
810
GREEN: OVLLG8C7
IV Code
Min (mcd)
Max (mcd)
0S
1135
1590
0T
1590
2225
0U
2225
3115
0V
3115
4360
BLUE: OVLLB8C7
Color Code
Min (nm)
Max (nm)
BC
460
465
BD
465
470
BE
470
475
GREEN: OVLLG8C7
Color Code
Min (nm)
Max (nm)
FB
519
523
FC
523
527
FD
527
531
RED: OVLLR8C7 &
YELLOW: OVLLY8C7
VF Code
Min
Max
A
1.8
2.0
B
2.0
2.2
C
2.2
2.4
Luminous Intensity (IV ) @ 20mA
Forward Voltage (VF )
Dominant Wavelength (nm)
RED: OVLLR8C7
IV Code
Min (mcd)
Max (mcd)
0Q
580
810
0R
810
1135
0S
1135
1590
YELLOW: OVLLY8C7
IV Code
Min (mcd)
Max (mcd)
0Q
580
810
0R
810
1135
0S
1135
1590
RED: OVLLR8C7
Color Code
Min (nm)
Max (nm)
RA
620
625
RB
625
630
YELLOW: OVLLY8C7
Color Code
Min (nm)
Max (nm)
YC
585
587
YD
587
589
YE
589
591
YF
591
593
YG
593
595



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com