Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20S0R-RWM-KT Datasheet(PDF) 5 Page - JST Mfg. Co., Ltd.

Part # 20S0R-RWM-KT
Description  Disconnectable crimp style Wire-to-wire connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

20S0R-RWM-KT Datasheet(HTML) 5 Page - JST Mfg. Co., Ltd.

  20S0R-RWM-KT Datasheet HTML 1Page - JST Mfg. Co., Ltd. 20S0R-RWM-KT Datasheet HTML 2Page - JST Mfg. Co., Ltd. 20S0R-RWM-KT Datasheet HTML 3Page - JST Mfg. Co., Ltd. 20S0R-RWM-KT Datasheet HTML 4Page - JST Mfg. Co., Ltd. 20S0R-RWM-KT Datasheet HTML 5Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
C
B
A
1.5
2.7
3.7
4.1
4.4
B
A
Circuit No.1
B
11
11CZ-6H
15
18
1,000
A
11CZ-6Y
9
09CZ-6H
12
15
1,000
09CZ-6Y
No. of
circuits
Gray
Q’ty/
box
Dimensions (mm)
Model No.
Yellow
Material and Finish
Contact: Phosphor bronze, tin-plated (reflow treatment)
Housing: Glass-filled PA 66, UL94V-0
RoHS2 compliance
SCZH-002T-P0.5
MKS-L
Contact
Crimping
machine
AP-K2N
MK/SCZH-002-05 APLMK SCZH002-05
Crimp applicator
Dies
Crimp applicator with dies
Applicator
Model No.
Applicable wire
Q’ty/
reel
mm 2
AWG#
Insulation O.D. (mm)
SCZH-002T-P0.5
0.08
~0.13
28
~26
0.8
~1.1
13,000
Material and Finish
Phosphor bronze, tin-plated
1.1
4.05
1.1
2.2
Material and Finish
PBT, UL94-0, natural (white
)
18
1,000
15
No. of
circuits
Model No.
Dimensions (mm)
A
B
17
C
11
CZHR-11V-S
15
1,000
12
14
9
CZHR-09V-S
Q’ty/
box
RoHS2 compliance
RoHS2 compliance
5
CZ connector Socket
CZH connector Socket
CZ connector Housing
Note: Contact JST for fully automatic crimping applicator.
RWMCONNECTOR
RWM CONNECTOR
Disconnectable crimp style Wire-to-wire connectors
RWM CONNECTOR
RWM CONNECTOR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com