Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20S0R-RWM-KT Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # 20S0R-RWM-KT
Description  Disconnectable crimp style Wire-to-wire connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

20S0R-RWM-KT Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  20S0R-RWM-KT Datasheet HTML 1Page - JST Mfg. Co., Ltd. 20S0R-RWM-KT Datasheet HTML 2Page - JST Mfg. Co., Ltd. 20S0R-RWM-KT Datasheet HTML 3Page - JST Mfg. Co., Ltd. 20S0R-RWM-KT Datasheet HTML 4Page - JST Mfg. Co., Ltd. 20S0R-RWM-KT Datasheet HTML 5Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Specifications
• Currentrating:Signalcircuit;1.0AAC/DC(AWG#26)
• Voltagerating:Signalcircuit;50VAC/DC
• Temperaturerange:-25℃to+85℃
(including temperature rise in applying
electrical current)
• Contactresistance:
Signal circuit Initial value/ 40 mΩ max.
After environmental tests/ 60 mΩ max.
• Insulationresistance:500MΩmin.
• Withstandingvoltage:Signalcircuit 500VAC
• Applicablewire:
Plug signal circuit Conductor size/ AWG #28 to #26
Insulation O.D./ 0.78 to 1.1 mm
Receptacle signal circuit Applicable socket/ CZ, CZH connectors
• Guaranteeofrepeatedmating/unmatingperformance:100cycles
* In using the products, refer to “Handling Precaution for Terminal
and Connector” described on our website (Technical documents
of Product information page).
* Contact JST for details.
* RoHS2 compliance
Standards
Recognized E 60389
R 5025872
This connector is a dual row type drawer
connector with combined signal to connect
the units and absorbs misalignment
between units.
This is drawer connector suitable for the
place which is few in insertion and
withdrawal cycles.
Signal 20-circuit
RWMCONNECTOR
RWM CONNECTOR
Disconnectable crimp style Wire-to-wire connectors
RWM CONNECTOR
RWM CONNECTOR


Similar Part No. - 20S0R-RWM-KT

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
20S100FA THINKISEMI-20S100FA Datasheet
280Kb / 2P
20.0 Ampere Insulated Dual Common Cathode Super Fast Recovery Rectifiers
Rev.12T
20S120FA THINKISEMI-20S120FA Datasheet
280Kb / 2P
20.0 Ampere Insulated Dual Common Cathode Super Fast Recovery Rectifiers
Rev.12T
logo
Samsung semiconductor
20S207DA4 SAMSUNG-20S207DA4 Datasheet
939Kb / 13P
VACUUM FLUORESCENT DISPLAY MODULE
logo
Thinki Semiconductor Co...
20S20FA THINKISEMI-20S20FA Datasheet
736Kb / 2P
20.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
20S20FA THINKISEMI-20S20FA Datasheet
280Kb / 2P
20.0 Ampere Insulated Dual Common Cathode Super Fast Recovery Rectifiers
Rev.12T
More results

Similar Description - 20S0R-RWM-KT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SYR-02T ETC1-SYR-02T Datasheet
38Kb / 2P
Disconnectable Crimp style Wire-to-wire connectors
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
Disconnectable Crimp style Wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
J5FS-03V-KX ETC2-J5FS-03V-KX Datasheet
772Kb / 4P
11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
VLR-03V ETC2-VLR-03V Datasheet
228Kb / 4P
6.2mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWZ JST-RWZ Datasheet
125Kb / 3P
Disconnectable Crimp style Wire-to wire connectors
BHS JST-BHS Datasheet
122Kb / 2P
3.5mm pitch/Disconnectable Crimp style Wire-to-wire connectors
2010
JFA JST-JFA Datasheet
886Kb / 23P
Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
SLM JST-SLM Datasheet
1Mb / 6P
6.2mm pitch disconnectable crimp style wire-to-wire connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com