Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAF Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # XAF
Description  2.5 mm pitch/Wire-to-board (IDC disconnectable style)/Wire-to-wire (IDC disconnectable style)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

XAF Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  XAF Datasheet HTML 1Page - JST Mfg. Co., Ltd. XAF Datasheet HTML 2Page - JST Mfg. Co., Ltd. XAF Datasheet HTML 3Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
XAF CONNECTOR
2
(6.95)
Including retainer
(6.95)
Including retainer
(1.4)
(28.5)
Including retainer
(27)
(28.5)
Including retainer
(27)
(8)
(1)
2.5±0.05
2.5±0.05
D±0.05
2.8±0.05
2.5±0.05
1.6±0.05
φ0.9
+0.1
 0
φ0.9
+0.1
 0
φ1.2
+0.1
 0
2.5min
φ0.9
+0.1
 0
9.2
2.7
(19.4)
1.25
2.50
3.75
5.00
6.25
7.50
8.75
10.00
11.25
12.50
13.75
15.00
16.25
2
3
4
5
6
7
8
9
10
11
12
13
14
Circuits
Dimensions
D (mm)
A±0.05
2.5±0.03
1.3±0.1
2.3±0.05
1.2±0.05
Connector outline
Top entry type
Note: 1. The above figure is the figure viewed from the connector mounting side.
2. Tolerances are non-cumulative: ±0.05 mm for all centers.
3. Hole dimensions differ according to the type of PC board and piercing method.
The dimensions above should serve as a guideline. Contact JST for details.
Note: 1. The above figure is the figure viewed from the connector mounting side.
2. Tolerances are non-cumulative: ±0.05 mm for all centers.
The dimensions above should serve as a guideline. Contact JST for details.
With panel lock
Without panel lock
<SMT type>
<Wire-to-wire>
<Through-hole type>
Top entry type • High box type
Side entry type
•Top entry type
•High box type
•Without boss
•With boss
PC board layout and Assembly layout



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com