Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAF Datasheet(PDF) 3 Page - JST Mfg. Co., Ltd.

Part # XAF
Description  2.5 mm pitch/Wire-to-board (IDC disconnectable style)/Wire-to-wire (IDC disconnectable style)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

XAF Datasheet(HTML) 3 Page - JST Mfg. Co., Ltd.

  XAF Datasheet HTML 1Page - JST Mfg. Co., Ltd. XAF Datasheet HTML 2Page - JST Mfg. Co., Ltd. XAF Datasheet HTML 3Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
XAF CONNECTOR
Circuit No.1
B
A
13.8
8.5
2.5
6.4
5
0.6
7.5
10.0
12.5
15.0
17.5
22.5
27.5
52.5
1,000
1,000
800
600
600
400
300
150
2.5
5.0
7.5
10.0
12.5
17.5
22.5
47.5
Circuits
Material and Finish
2
3
4
5
6
8
10
20
02XAF-2S
03XAF-2S
04XAF-2S
05XAF-2S
06XAF-2S
08XAF-2S
10XAF-2S
20XAF-2S
Contact: Copper alloy, tin-plated (reflow treatment)
Housing: PA 66, UL94V-0, natural (white)
Q'ty/
box
B
A
Model No.
Dimensions (mm)
8.9
11.4
13.9
16.4
18.9
23.9
28.9
53.9
1,000
1,000
1,000
1,000
1,000
1,000
1,000
500
2.5
5.0
7.5
10.0
12.5
17.5
22.5
47.5
Circuits
Material
2
3
4
5
6
8
10
20
XAFS-02V-S
XAFS-03V-S
XAFS-04V-S
XAFS-05V-S
XAFS-06V-S
XAFS-08V-S
XAFS-10V-S
XAFS-20V-S
Glass-filled PA 66, UL94V-0, natural (ivory)
Q’ty/
bag
B
A
Model No.
Dimensions (mm)
RoHS compliance
Socket
Retainer
The shrouded headers are interchangeable with those of the XA crimp style connectors.
Shrouded header
The housings and the pin contacts are interchangeable with those of the XA wire-to-wire connectors.
Housing & Pin contact (Wire-to-wire)
RoHS compliance
Note: Please contact JST Guntersville, AL USA for automated cable assembly.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com