Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL4100 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CL4100
Description  Client SSD: 120GB - 240GB - 480GB CL4111
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CL4100 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CL4100 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FILENAME: CL4111
MODIFIED: November 4, 2015 5:25 PM
Ver. 11.04.15
PNY Technologies, Inc. 100 Jefferson Road, Parsippany, NJ 07054 | Tel 973-515-9700 | Fax 973-560-5590 | www.PNY.com
Features and specifications subject to change without notice. The PNY logo is a registered trademark of PNY Technologies, Inc.
All other trademarks are the property of their respective owners. © 2015 PNY Technologies, Inc. All rights reserved.
DESIGNED, DEVELOPED
& ASSEMBLED IN THE
Ideal for
OEM Upgrade
CL4100 Series
Client SSD: 120GB - 240GB - 480GB CL4111
Available Options
CL4111
Client SSD
The PNY CL4111 2.5-inch SATA-III (6 Gb/s) solid state
drive (SSD) is a fast and reliable OEM grade option from
the CL4100 Client Series of SSD products. Optimized for
reliability, power-efficiency, and durability, the CL4111
is targeted to meet stringent OEM quality requirements.
The PNY CL4111 SSD provides higher data input/
output (I/O) operations and throughput speeds while
using a fraction of the power. In addition, the CL4100
Client Series SSD features low power idle modes to
further optimize power efficiency for mobile devices;
resulting in a noticeable increase in battery life without
sacrificing system responsiveness.
The PNY CL4111 offers capacities including 240GB
and 480GB using industry standard MLC NAND
flash memories paired with the SandForce® family
of controllers, as well as a 960GB capacity powered
by an SMI controller**. The SandForce® DuraWrite®
hardware based data reduction optimizes writes to the
flash memory and implements highly intelligent block
management with wear leveling schemes to increase
overall drive endurance and reliability.
PNY works closely with vendors to optimize and
qualify every aspect of the drives: including careful
board design, firmware feature validation, reliability,
and extensive drive validation. The CL4111 also
features enhanced ECC and AES 256-bit encryption
with drive password for reliable data protection and
security without compromise in performance. The
CL4111 SSD is your best choice for easy deployment
and secure manageability in client IT environments,
helping lower total cost of ownership (TCO) over the
lifetime of the drive.
SUPERIOR PERFORMANCE &
ENHANCED SECURITY
• High sequential read speed of up to 540 MB/s
• Hardware based AES 256-bit
encryption, Secure Erase features
• Best in class end-to-end data path
protection with enhanced ECC
IMPROVED RELIABILITY
WITH LOWER TOTAL COST
OF OWNERSHIP (TCO)
• MTBF: 1,500,000 Hours with 5 years warranty
• Support for S.M.A.R.T drive health monitoring
• Extensive qualification reduces downtime
and lowers TCO in client IT environments
APPLICATIONS
• Supports multiple OS and business
applications; fast application launch
• Corporate business PC and thin client
SPECIFICATIONS
Client SSD: CL4111
Usable Capacities (IDEMA)
120 GB, 240 GB, 480 GB, 960 GB**
PNY Part Number
120GB: SSD7CL4111-120-*
240GB: SSD7CL4111-240-*
480GB: SSD7CL4111-480-*
960GB: SSD7CL4111-960-**
Box Dimensions
5.25˝ × 4.65˝ × 1.25˝
NAND Components
Multi-Level Cell (MLC) NAND Flash Memory
Interface
SATA-III (6 Gb/s);
Backwards compatible with SATA-II
Form Factor
2.5-inch
Dimensions (L × W × H)
100 × 70 × 7 mm
Weight
80g
PERFORMANCE
120 GB
240 GB
480 GB
Max Sequential Read
545 MB/s
545 MB/s
555 MB/s
Max Sequential Write
525 MB/s
525 MB/s
530 MB/s
Max Random Read
27,000 IOPS
27,000 IOPS
36,000 IOPS
Max Random Write
90,000 IOPS
90,000 IOPS
52,000 IOPS
POWER
Power Consumption
1.38W Active, 0.23W Idle;
Power management features
ENVIRONMENTAL
Operating Temperature
0°C ~ 70°C
Storage Temperature
-45°C ~ 85°C
Certifications
RoHS, CE, FCC, REACH, BSMI, UL
RELIABILITY / SECURITY
Mean Time Between Failures (MTBF)
1,500,000 Hours
Error Correction Code (ECC)
Up to 55bits per 512B sector
Data Path
End-to-End Data Path Protection
Data Encryption
AES-256 compliant
Secure Erase
Standard, Enhanced Secure Erase
Product Health Monitoring
Self-Monitoring, Analysis and
Reporting Technology (S.M.A.R.T)
COMPATABILITY
Serial ATA
Fully compliant with Serial ATA International Organization:
Serial ATA Revision 3.1. Fully compliant with ATA/
ATAPI-8 Standard Native Command Queuing (NCQ)
Power Requirements
Standard SATA Power Connector
ADDITIONAL FEATURES
Performance Optimization
TRIM (requires OS support)
Service & Support
5-Year Limited Warranty **
Toll free technical support lines
*RB (Retail Box), BLK (Bulk)
**Further details can be found on the CL4111 960GB Product Brief.


Similar Part No. - CL4100

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CL4-12 L-COM-CL4-12 Datasheet
169Kb / 2P
HyperLink Wireless brand 4 to 20 mA Current Loop Lightning and Surge Protectors
CL4-15 L-COM-CL4-15 Datasheet
169Kb / 2P
HyperLink Wireless brand 4 to 20 mA Current Loop Lightning and Surge Protectors
CL4-24 L-COM-CL4-24 Datasheet
169Kb / 2P
HyperLink Wireless brand 4 to 20 mA Current Loop Lightning and Surge Protectors Model:
logo
Artesyn Technologies
CL40 ARTESYN-CL40 Datasheet
49Kb / 2P
Single and triple output
CL40-7605 ARTESYN-CL40-7605 Datasheet
49Kb / 2P
Single and triple output
More results

Similar Description - CL4100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HDDC24-24P-NM ETC2-HDDC24-24P-NM Datasheet
1Mb / 12P
Client Side Antennas
logo
Level One
GEL-2681 LVL1-GEL-2681 Datasheet
379Kb / 4P
DHCP Client/Server
GEP-2651 LVL1-GEP-2651 Datasheet
418Kb / 5P
DHCP Client/Server
GEP-2681 LVL1-GEP-2681 Datasheet
409Kb / 5P
DHCP Client/Server
GEP-2682 LVL1-GEP-2682 Datasheet
414Kb / 5P
DHCP Client/Server
logo
NEC
US110 NEC-US110 Datasheet
452Kb / 2P
Thin Client Terminals
logo
Toshiba Semiconductor
SG6 TOSHIBA-SG6 Datasheet
1Mb / 21P
CLIENT SSD(Non-SED Model)
XG5 TOSHIBA-XG5 Datasheet
1Mb / 13P
XG5 SERIES CLIENT SSD
BG3 TOSHIBA-BG3 Datasheet
1Mb / 17P
CLIENT SSD
MQ01ABDXXX TOSHIBA-MQ01ABDXXX Datasheet
529Kb / 2P
CLIENT MOBILE HDD
Rev. 01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com