Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS625 Datasheet(PDF) 2 Page - Greystone Energy Systems Inc.

Part # CS625
Description  CS-625 Series Current Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

CS625 Datasheet(HTML) 2 Page - Greystone Energy Systems Inc.

  CS625 Datasheet HTML 1Page - Greystone Energy Systems Inc. CS625 Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specication:
Setpoint Range...............................................1 - 175 Amps adjustable
Maximum Input Current...............................175 Amps continuous
Sensing Ranges...............................................Low (1-6 Amps) no-jumper
Mid (6-40 Amps)
High (40-175 Amps)
Sensor Power...................................................Self-powered
Output Type.....................................................Solid-state
Output Switch Action....................................Normally open
Output Switch Ratings..................................240 Vac, 1 Amp maximum
Frequency.........................................................50/60 Hz
Response Time................................................< 200 mS typical
Insulation Class...............................................600 Vac, insulated conductors
Operating Temperature................................-15 to 40 C (5 to 104 F)
Operating Humidity.......................................5 to 90 %RH, non-condensing
Terminal Block.................................................14 to 22 AWG
Dimensions......................................................49 x 87 x 25 mm (1.95” x 3.45“ x 1”)
Sensor Aperture..............................................20 mm (0.8 in)
Enclosure Material......................................... ABS, UL94 V-0
Mounting Holes..............................................2 x 5 mm holes spaced 76 mm on base
(2 x 0.19” holes spaced 3” on base)
Agency Approvals..........................................cULus Listed
Applications
For applications with load currents exceeding the sensor current ranges
use an external CT to reduce the current to an acceptable value. For
example, to measure a 500 Amp load current, use a 500A:5A CT and wrap
the CT secondary through the CS-625 and place the CS-625 in the low
range.
For applications with very small load currents (such as less than 1 Amp),
wrap the monitored conductor through the sensor aperture several times
to increase the current measured by the sensor. For example, to monitor
a 0-1 Amp load with a CS-625, wrap the conductor through the sensor
aperture 5 times so the sensor actually sees 0-5 Amps. Be careful the
combined current of total of the wraps does not exceed the selected
current range.
For any application with multiple wraps, note that the CS-625 maximum
current rating must be divided by the number of wraps. For example,
with one wrap the maximum current is 175 Amps, with 5 wraps the
maximum current is 175/5 = 35 Amps. Ensure the load current is < 35
Amps or the device may overheat and be damaged.
Figure 6
Figure 7
49 mm
(1.95”)
87 mm
(3.45”)
25 mm
(1.0”)
67.2 mm
(3”)
Ø 0.18” (x2)
5 mm
Calibration
With the sensor installed and range jumper set, turn on the monitored
load (motor, heater, etc.) and allow it to run normally. Rotate the setpoint
knob counterclockwise several times to make sure switch is open. Then
slowly turn the knob clockwise until the switch closes. Turn clockwise
slightly more to eliminate false switching.
The CS is now set to detect a current condition. A voltmeter can be used
across the contacts to verify switch operation.
RELAY
Power
Source
Typical Installation
CS-625
Current Switch
HIGH
MID
RANGE
Amps
1-6
6-40
40-175
Jumper
NONE
MID
HIGH
Setpoint
CCW To
Increase
Switch Rating
240 Vac 1 Amp
40C Max
20 mm
(0.8”)
Figure 5
CS-625
Current Switch
HIGH
MID
RANGE
Amps
1-6
6-40
40-175
Jumper
NONE
MID
HIGH
Setpoint
CCW To
Increase
Switch Rating
240 Vac 1 Amp
40C Max
Greystone Energy Systems, Inc. 150 English Drive, Moncton, NB E1E 4G7 Canada Tel: +1-506-853-3057 Tollfree (North America): +1-800-561-5611 Fax: +1-506-853-6014
Email: support@greystoneenergy.com Web: www.greystoneenergy.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com