Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS625 Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # CS625
Description  CS-625 Series Current Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

CS625 Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  CS625 Datasheet HTML 1Page - Greystone Energy Systems Inc. CS625 Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CS-625
Current Switch
HIGH
MID
RANGE
Amps
1-6
6-40
40-175
Jumper
NONE
MID
HIGH
Setpoint
CCW To
Increase
Switch Rating
240 Vac 1 Amp
40C Max
Installation Instructions
Introduction
The CS-625 current switch is a solid-state switch that monitors
line current for electrical loads such as pumps, conveyors,
machine tools or fans and closes the output contacts when
the adjustable trip point is exceeded. It is typically used to
monitor motor operation and can be used to determine
on/o status, proof of operation, motor failure or belt loss.
The sensor requires no external power as it is totally powered
by induction from the primary AC line being monitored. The
trip setpoint is adjustable in three jumper-selectable ranges
from a minimum value (1 Amp) up to 175 Amps by rotating
the adjustment pot counter-clockwise.
The output contacts can switch loads up to 1 Amp 240 Vac.
**** WARNING ****
- Electric Shock Hazard, Use Caution
- Disconnect and lock out power before installation
- Follow national and local electrical codes
- Read and understand these instructions before installing
- Installation only by qualied electrical personnel
- Do not rely on this device to indicate line power
- Only install this device on insulated conductors
- Only install on 600 Vac maximum conductors
- Do not use this device for life-safety applications
- Do not install in hazardous or classied locations
- Install this product in a suitable electrical enclosure
- Failure to follow these instructions may result in
serious injury or death.
Installation
-Read all warnings before beginning
-Ensure the selected device has the correct ratings for
application
-Set the range jumper to the desired range. (See Figure 1)
-Mount the sensor with two screws through the base .
The base has an integral mounting tab to allow screw
mount to a surface.
If predrilling is required, the actual device may be used to mark holes. The
mounting holes in the base will accommodate up to a #10 size screw (Not
supplied) . See Figure 2
Place the monitored conductor through the sensor hole and reconnect. See
Figure 3.
-The CS-625 is not polarity sensitive. Use shielded wiring for all connections and
do not locate the device wires in the same conduit with wiring used to supply
inductive loads such as motors. Make all connections in accordance with national
and local codes.
-Reconnect the power
Figure 1
Figure 2
Range Jumper Selector
(Factory set on High)
CS-625 Ranges
Low (L) = 1 to 6 Amps
Mid (M) = 6 to 40 Amps
High (H) = 40 to 175 Amps
Low
Mid
High
Jumper Position Legend
CS-625 Series Current Switch
For Low Range
Remove Jumper
Figure 4
Figure 3
600 Vac max
Insulated Conductors
Only
Wiring for using an external power supply
Common
Common
+Power
Power
Input
Relay
CS-625
Current Switch
HIGH
MID
RANGE
Amps
1-6
6-40
40-175
Jumper
NONE
MID
HIGH
Setpoint
CCW To
Increase
Switch Rating
240 Vac 1 Amp
40C Max
Greystone Energy Systems, Inc. 150 English Drive, Moncton, NB E1E 4G7 Canada Tel: +1-506-853-3057 Tollfree (North America): +1-800-561-5611 Fax: +1-506-853-6014
Email: support@greystoneenergy.com Web: www.greystoneenergy.com


Similar Part No. - CS625

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
CS625 CAMPBELL-CS625 Datasheet
370Kb / 2P
Water Content Reflectometer for CR300-Series
12/12/2019
More results

Similar Description - CS625

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CS53 SUMIDA-CS53 Datasheet
155Kb / 2P
RF COILS < SMD Type: CS Series>
CS54 SUMIDA-CS54 Datasheet
33Kb / 1P
RF COILS < SMD Type: CS Series>
CS55 SUMIDA-CS55 Datasheet
41Kb / 2P
RF COILS < SMD Type: CS Series>
CS1022 SUMIDA-CS1022 Datasheet
112Kb / 1P
Current Sense
CS1420 SUMIDA-CS1420 Datasheet
172Kb / 1P
Current Sense Transformer
CS-5F SUMIDA-CS-5F Datasheet
30Kb / 1P
RF COILS < SMD Type: CS Series>
CS-5LN SUMIDA-CS-5LN Datasheet
38Kb / 1P
RF COILS < SMD Type: CS Series>
logo
Token Electronics Indus...
CS01 TOKEN-CS01 Datasheet
427Kb / 8P
CS Current Detecting Chip Resistors
logo
TAI-SAW TECHNOLOGY CO.,...
TA0912A TAI-SAW-TA0912A Datasheet
378Kb / 10P
SAW Filter 625 MHz
logo
Leadshine Technology Co...
CS-M LEADSHINE-CS-M Datasheet
6Mb / 7P
CS-M Series Stepper Motor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com