Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAB Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # BAB
Description  Wire-to-wire
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

BAB Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  BAB Datasheet HTML 1Page - JST Mfg. Co., Ltd. BAB Datasheet HTML 2Page - JST Mfg. Co., Ltd. BAB Datasheet HTML 3Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
15
21.85
2
BAB CONNECTOR
Female terminal
Male terminal
Female connector
Housing: PA, Yellow
Retainer: Glass-filled PBT, Natural
Slider: Glass-filled PBT, Natural
Spring: SUS
Material and Finish
2
300
Q’ty/box
Circuits
Model No.
BABRB-02-1A-Y( )
Note: Key codes other than above-mentioned housing are also available.
Contact JST for details.
6,500
6,500
Q’ty/reel
Applicable wire range
Insulation O.D.
(mm)
Model No.
SAIT-A03T-M064
SAIT-A03GF-M064
Conductor
(mm2)
0.3 to 0.5
0.3 to 0.5
1.9
1.9
Material and Finish
Copper alloy, tin-plated (reflow treatment)
Copper alloy, nickel-undercoated, Contact area; gold-plated
Barrel area; tin-plated
6.4
(22.7)
7.5
6.5
14
9,000
9,000
Q’ty/reel
Applicable wire range
Insulation O.D.
(mm)
Model No.
SAITW-A03T-064
SAITW-A03GF-064
Conductor
(mm2)
0.3 to 0.5
0.3 to 0.5
1.9
1.9
Material and Finish
①Brass, tin-plated (reflow treatment)
②Brass, nickel-undercoated, Contact area; gold-plated
Barrel area; tin-plated



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com