Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAB Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # BAB
Description  Wire-to-wire
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

BAB Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  BAB Datasheet HTML 1Page - JST Mfg. Co., Ltd. BAB Datasheet HTML 2Page - JST Mfg. Co., Ltd. BAB Datasheet HTML 3Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
BABCONNECTOR Wire-to-wire
Wire-to-wire
0.64 mm wire-to-wire connector with rigid design and
spring lock mechanism.
Spring force prevents half-mating during mating and keeps
constant rigid connection between male and female
connector.
●Go / No-Go Mating System
Compression spring prevents half-mating.
●Anti Vibration Mechanism
High reliability rigid connector enables to keep
higher durability at shock and vibration environment.
●Compact size
●Current rating: 3 A AC, DC max. (0.3 mm2)
5 A AC, DC max. (0.5 mm2)
●Withstanding voltage: 1,000 VAC/minute
●Temperature range: -40°C to +80°C
(including temperature rise in applying
electrical current)
●Contact resistance: Initial value/ 10 mΩmax.
After environmental tests/ 20 mΩ max.
●Insulation resistance: 100 MΩmin.
●Applicable wire: AVSS
0.3 mm2 to 0.5 mm2
* Compliant with ELV/RoHS2.
* Contact JST for details.
Features
Specifications


Similar Part No. - BAB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BAB-P-ALUM ETC2-BAB-P-ALUM Datasheet
5Mb / 64P
T O TA L L A M P S O LU T I O N S
BAB-P-ALUMCL ETC2-BAB-P-ALUMCL Datasheet
5Mb / 64P
T O TA L L A M P S O LU T I O N S
BAB-P-M269 ETC2-BAB-P-M269 Datasheet
5Mb / 64P
T O TA L L A M P S O LU T I O N S
BAB-P-M269ULTRA ETC2-BAB-P-M269ULTRA Datasheet
5Mb / 64P
T O TA L L A M P S O LU T I O N S
logo
Ohmite Mfg. Co.
BAB116010R0KE OHMITE-BAB116010R0KE Datasheet
512Kb / 2P
Aluminum Cased Resistor
More results

Similar Description - BAB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-177648-8 MACOM-1-177648-8 Datasheet
3Mb / 22P
Wire-to-Board, Wire-to-Panel and Wire-to-Wire
1-1318120-3 MACOM-1-1318120-3 Datasheet
3Mb / 18P
D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178306-2 MACOM-178306-2 Datasheet
3Mb / 22P
D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
logo
Adam Technologies, Inc.
DME-F-01 ADAM-TECH-DME-F-01 Datasheet
59Kb / 1P
WIRE TO WIRE FEMALE
DMH-M-XX ADAM-TECH-DMH-M-XX Datasheet
85Kb / 1P
WIRE TO WIRE CONNECTOR
DMP-XX-BK ADAM-TECH-DMP-XX-BK Datasheet
80Kb / 1P
WIRE TO WIRE FEMALE
DMQ-XX ADAM-TECH-DMQ-XX Datasheet
80Kb / 1P
WIRE TO WIRE FEMALE
DMZ-XX ADAM-TECH-DMZ-XX Datasheet
68Kb / 1P
WIRE TO WIRE CONNECTOR
DMZ-XX-V0 ADAM-TECH-DMZ-XX-V0 Datasheet
68Kb / 1P
WIRE TO WIRE CONNECTOR
DMW-XX ADAM-TECH-DMW-XX Datasheet
78Kb / 1P
WIRE TO WIRE SYSTEM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com