Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GEZ Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # GEZ
Description  1.25 mm pitch竊뢈isconnectable Crimp style connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

GEZ Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  GEZ Datasheet HTML 1Page - JST Mfg. Co., Ltd. GEZ Datasheet HTML 2Page - JST Mfg. Co., Ltd. GEZ Datasheet HTML 3Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
GEZCONNECTOR
GEZ CONNECTOR
GEZ CONNECTOR
GEZ CONNECTOR
1.25 mm pitch/Disconnectable Crimp style connectors
Emboss Tape
5.8
2.1
Material and Finish
Copper alloy, tin-plated (reflow treatment)
Model No.
Applicable wire
Q’ty/
reel
mm2
AWG#
Insulation O.D.
(mm)
SGEZD-002T-C0.2A
0.05~0.13
30~26
0.76~1.05
25,000
SGEZD-002T-C0.2A
Contact
Crimping
machine
Crimp applicator with dies
AP-K2N
MKS-L-10-3
-
MK/SSHL-002-02
-
APLMK SSHL002-02
-
Crimp applicator
Dies
Applicator
Material and Finish
PBT, UL94V-0, natural (white)
4.45
5.50
6.65
7.50
8.75
10.00
11.25
12.50
13.75
15.00
16.25
17.50
18.75
20.00
2,000
2,000
2,000
2,000
2,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
̶
2.50
3.75
5.00
6.25
7.50
8.75
10.00
11.25
12.50
13.75
15.00
16.25
17.50
No. of
circuits
Model No.
Dimensions (mm)
Q’ty/
bag
A
B
GEZR-02V-S
GEZR-03V-S
GEZR-04V-S
GEZR-05V-S
GEZR-06V-S
GEZR-07V-S
GEZR-08V-S
GEZR-09V-S
GEZR-10V-S
GEZR-11V-S
GEZR-12V-S
GEZR-13V-S
GEZR-14V-S
GEZR-15V-S
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Circuit No.1
B
A
1.25
2.65
4.25
Circuit No. 1 mark
Circuit No.1
B
A
1.25
2.65
4.25
Circuit No. 1 mark
Circuit No.1
B
A
1.25
2.65
4.25
Circuit No. 1 mark
RoHS2 compliance
RoHS2 compliance
< 2 to 4 circuits >
< 5 to 8 circuits >
Note: Contact JST for fully automatic crimping applicator.
< 9 to 15 circuits >
Contact
Housing



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com