Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GEZ Datasheet(PDF) 3 Page - JST Mfg. Co., Ltd.

Part # GEZ
Description  1.25 mm pitch竊뢈isconnectable Crimp style connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

GEZ Datasheet(HTML) 3 Page - JST Mfg. Co., Ltd.

  GEZ Datasheet HTML 1Page - JST Mfg. Co., Ltd. GEZ Datasheet HTML 2Page - JST Mfg. Co., Ltd. GEZ Datasheet HTML 3Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
GEZCONNECTOR
GEZ CONNECTOR
GEZ CONNECTOR
GEZ CONNECTOR
1.25 mm pitch/Disconnectable Crimp style connectors
Emboss Tape
Model No.
No. of
circuits
Dimensions (mm) Q’ty/
reel
A
B
Top entry type
Side entry type
Material and Finish
Contact:Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Housing:PA 9T, UL94V-0, natural (ivory)
Reinforcement:Brass, copper-undercoated, tin-plated (reflow treatment)
2
3
4
5
6
7
8
9
10
11
12
13
14
15
BM02B-GEZS-TBT
BM03B-GEZS-TBT
BM04B-GEZS-TBT
BM05B-GEZS-TBT
BM06B-GEZS-TBT
BM07B-GEZS-TBT
BM08B-GEZS-TBT
BM09B-GEZS-TBT
BM10B-GEZS-TBT
BM11B-GEZS-TBT
BM12B-GEZS-TBT
BM13B-GEZS-TBT
BM14B-GEZS-TBT
BM15B-GEZS-TBT
SM02B-GEZS-TB
SM03B-GEZS-TB
SM04B-GEZS-TB
SM05B-GEZS-TB
SM06B-GEZS-TB
SM07B-GEZS-TB
SM08B-GEZS-TB
SM09B-GEZS-TB
SM10B-GEZS-TB
SM11B-GEZS-TB
SM12B-GEZS-TB
SM13B-GEZS-TB
SM14B-GEZS-TB
SM15B-GEZS-TB
̶
2.50
3.75
5.00
6.25
7.50
8.75
10.00
11.25
12.50
13.75
15.00
16.25
17.50
5.75
7.00
8.25
9.50
10.75
12.00
13.25
14.50
15.75
17.00
18.25
19.50
20.75
22.00
2,500
2,500
2,500
2,500
2,500
2,500
2,500
2,500
2,500
2,500
2,500
2,500
2,500
2,500
4.25
0.7
A
B
1.25
0.2
Circuit No.1
Circuit No. 1 mark
RoHS2 compliance
Top entry type
Side entry type
4.05
0.8
A
B
1.25
1.75
0.2
Circuit No.1
Circuit No. 1 mark
Header
Model number allocation
Form:S…Strip form
Series name
Applicable wire:002…AWG #30~#26
Surface finish:T…Tin-plated (Reflow treatment)
Material:C…Copper alloy
Terminal size
Type:A…A type
S GEZD - 002 T - C 0.2 A
Series name
Part name:Receptacle
No. of circuits:2~15
Flammability:V…UL94V-0
Color indication:S…Natural (White), K…Black, E…Blue, TR…Tomato red
MG…Moss green, NB…Navy blue, HD…Dark gray
OD…Dark orange, PD…Dark purple
GEZ R - 04 V - S
Contact
Header/ Top entry type
BM 04 B - GEZ S - TB T
Assembly style:SMT Top entry type
No. of circuits:2~15
Part name:Header
Series name
Color indication:S…Natural (Ivory), K…Black, E…Blue
TR…Tomato red , MG…Moss green, NB…Navy blue
HD…Dark gray, OD…Dark orange, PD…Dark purple
Packaging style:TB…Embossed-taping
Suction tape:T…With suction tape
Housing
Assembly style:SMT Side entry type
No. of circuits:2~15
Part name:Header
Series name
Color indication:S…Natural (Ivory), K…Black, E…Blue, TR…Tomato red
MG…Moss green, NB…Navy blue, HD…Dark gray
OD…Dark orange, PD…Dark purple
Packaging style:TB…Embossed-taping
SM 04 B - GEZ S - TB
Header/ Side entry type



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com