Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWTRB-06-1A-R Datasheet(PDF) 3 Page - JST Mfg. Co., Ltd.

Part # MWTRB-06-1A-R
Description  Wire-to-wire/Sealed connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

MWTRB-06-1A-R Datasheet(HTML) 3 Page - JST Mfg. Co., Ltd.

  MWTRB-06-1A-R Datasheet HTML 1Page - JST Mfg. Co., Ltd. MWTRB-06-1A-R Datasheet HTML 2Page - JST Mfg. Co., Ltd. MWTRB-06-1A-R Datasheet HTML 3Page - JST Mfg. Co., Ltd. MWTRB-06-1A-R Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Harness cover
Wire seal
Dummy plug
Protection cover
MWT CONNECTOR
MWTWC-06-1A-R
MWTPC-06-1A-R
18.6
28.8
6.55
6.6
23.4
20
A03WS-MWT-N
MWTDPS-1A-DN
,
,
Q ty/box
6
1,800
Circuits
Model No.
Material and Finish
PBT, Red
6
750
Circuits
Model No.
Material and Finish
Silicone, Brown
10,000
Applicable wire range
Insulation O.D.
(mm)
Model No.
Conductor
(mm2)
0.3 to 0.5
1.4 to 1.7
10,000
Model No.
Silicone, Dark brown
Material and Finish
PBT, Red
Material and Finish
Q ty/box
Q ty/box
,
Q ty/box
,



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com