Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWTRB-06-1A-R Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # MWTRB-06-1A-R
Description  Wire-to-wire/Sealed connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

MWTRB-06-1A-R Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  MWTRB-06-1A-R Datasheet HTML 1Page - JST Mfg. Co., Ltd. MWTRB-06-1A-R Datasheet HTML 2Page - JST Mfg. Co., Ltd. MWTRB-06-1A-R Datasheet HTML 3Page - JST Mfg. Co., Ltd. MWTRB-06-1A-R Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
MWTCONNECTOR
Wire-to-wire/Sealed connector
Wire-to-wire/Sealed connector
Compliant with the ISO 19689, 0.64 mm individual
waterproof, 6 pole wire to wire connection connector.
The retainer is a pre-set type for both female and male
housing.
Protection cover to female connector from water and
dust is selectable to the installation direction.
●Compliant with the ISO19689
Compliant with the ISO19689 which is the Motorcycle OBD
standard connector.
●Individual Sealed Connector
Individual sealed connector with 0.64 mm terminal,
3.0 mm X 3.0 mm pitch.
●Pre-set Retainer
Simple assemble harnesses, due to there is no necessity to
add retainer afterwards.
●Selectable to the installation direction to the body
The protection cover is designed to set the connector in a
vertical or horizontal direction on a bracket of the body with
using a clip structure.
¡Current rating: 3.5 A DC (*1), 7.5 A DC (*2)
¡Temperature range: -40 C to +105 C
(including temperature rise in applying
electrical current)
¡Insulation resistance: 100 M
min.
¡Withstanding voltage: 1,000 VAC/minute
¡Applicable wire: AVSS
0.3 mm2 , 0.5 mm2
∗ Compliant with ELV/RoHS2.
∗ Contact JST for details.
Features
Specifications
*1. Temperature 20
5 C (full circuits)
*2. Temperature 20
5 C (single circuit)


Similar Part No. - MWTRB-06-1A-R

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MWT-0206UL-VRM IXYS-MWT-0206UL-VRM Datasheet
206Kb / 2P
2.0-6.0 GHz Voltage Regulator Module
MWT-0618UL-VRM IXYS-MWT-0618UL-VRM Datasheet
302Kb / 2P
6.0-18.0 GHz Voltage Regulator Module
MWT-GK IXYS-MWT-GK Datasheet
214Kb / 1P
K-band 18-26.5GHz Gunn Diode
logo
Seoul Semiconductor
MWT801-S SEOUL-MWT801-S Datasheet
318Kb / 13P
surface-mount LED
More results

Similar Description - MWTRB-06-1A-R

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-177648-8 MACOM-1-177648-8 Datasheet
3Mb / 22P
Wire-to-Board, Wire-to-Panel and Wire-to-Wire
logo
Adam Technologies, Inc.
DMH-F-XX ADAM-TECH-DMH-F-XX Datasheet
171Kb / 1P
WIRE TO WIRE CONNECTOR HOUSING
DMH-M-XX ADAM-TECH-DMH-M-XX Datasheet
85Kb / 1P
WIRE TO WIRE CONNECTOR
DMH-XX ADAM-TECH-DMH-XX Datasheet
139Kb / 1P
WIRE TO WIRE CONNECTOR HOUSING FEMALE
DMZ-XX ADAM-TECH-DMZ-XX Datasheet
68Kb / 1P
WIRE TO WIRE CONNECTOR
DMZ-XX-V0 ADAM-TECH-DMZ-XX-V0 Datasheet
68Kb / 1P
WIRE TO WIRE CONNECTOR
logo
JST Mfg. Co., Ltd.
SISC JST-SISC Datasheet
269Kb / 3P
Wire-to-wire/Sealed connector
BAB JST-BAB Datasheet
199Kb / 3P
Wire-to-wire
EVZ2 JST-EVZ2 Datasheet
426Kb / 6P
Wire-to-wire Panek Mount connector
JIA JST-JIA Datasheet
303Kb / 4P
Board-to-wire/Sealed connector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com